Electronic Components Datasheet Search
  English  ▼

X  

VSC8221 Datasheet(PDF) 96 Page - Microsemi Corporation

Part # VSC8221
Description  Single Port 10/100/1000BASE-T PHY with1.25 Gbps SerDes for SFPs/GBICs
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8221 Datasheet(HTML) 96 Page - Microsemi Corporation

Back Button VSC8221 Datasheet HTML 92Page - Microsemi Corporation VSC8221 Datasheet HTML 93Page - Microsemi Corporation VSC8221 Datasheet HTML 94Page - Microsemi Corporation VSC8221 Datasheet HTML 95Page - Microsemi Corporation VSC8221 Datasheet HTML 96Page - Microsemi Corporation VSC8221 Datasheet HTML 97Page - Microsemi Corporation VSC8221 Datasheet HTML 98Page - Microsemi Corporation VSC8221 Datasheet HTML 99Page - Microsemi Corporation VSC8221 Datasheet HTML 100Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 138 page
background image
VSC8221
Data Sheet
VMDS-10106 Revision 4.1
December 2006
96 of 106
106
23.2.30 Register 29 (1Dh) – Reserved
29.15:0 - Reserved
23.2.31 Register 30 (1Eh) - MAC interface Clause 37 Auto-Negotiation Control and Status
30.15 – Reserved
30.14 - Clause 37 Auto-Negotiation Disable
When bit 30.14 is set to a “1”, the clause 37 auto-negotiation state machine is disabled in the VSC8221. Bit 30.14 is cleared by
default.
Register 29 (1Dh) – Reserved
Bit
Name
Access
States
Reset Value
Sticky
15:0
Reserved
RO
00000000 00000000
Register 30 (1Eh) – MAC interface Clause 37 Auto-Negotiation Control and Status
Bit
Name
Access
States
Reset
Value
Sticky
15
Reserved
RO
0
14
Clause 37 Auto-Negotiation Disable R/W
1 = Disable clause 37 auto-negotiation
0 = Enable clause 37 auto-negotiation
0
S
13:12 MAC Remote Fault
RO
Correspond to remote fault bits sent by MAC
during clause 37 auto-negotiation
00
11
MAC Asymmetric Pause
RO
Corresponds to Asymmetric Pause bit sent by
MAC during clause 37 auto-negotiation
0
10
MAC Symmetric Pause
RO
Corresponds to Symmetric Pause bit sent by
MAC during clause 37 auto-negotiation
0
9
Clause 37 Restart Auto-Negotiaton
R/W
SC
1 = initiate restart of clause 37 auto-negotiation
0 = Normal operation
0
8
MAC Full Duplex
RO
Corresponds to Full Duplex Ability bit sent by
MAC during clause 37 auto-negotiation
0
7
MAC Half Duplex
RO
Corresponds to Half Duplex Ability bit sent by
MAC during clause 37 auto-negotiation
0
6
Reserved
RO
0
5
Clause 37 Auto-Negotiation Com-
plete
RO
1 = Clause 37 auto-negotiation has completed
successfully
0 = Clause 37 auto-negotiation has not completed
0
4
Reserved
RO
0
3
Link interlock Fail
RO
1 = Clause 37/28 auto-negotiation interlock could
not complete
0
2
Link interlock Complete
RO
1 = Clause 37/28 auto-negotiation interlock com-
pleted
0
1:0
RXLOS Pulse Delay1
1 in SGMii to CAT-5, Modified Clause 37 Auto-negotiation-Enabled PHY Operating modes, the RXLOS signal is always driven, regardless of the settings of Mii
Register 30.1:0. For more information about PHY operating modes, see Table 33, “PHY Operating Modes,” on page 86.
R/W
00 = 0ms (always stays low)
01 = 20ms
10 = 200ms
11 = 500ms
01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com