Electronic Components Datasheet Search
  English  ▼

X  

VSC8221 Datasheet(PDF) 54 Page - Microsemi Corporation

Part # VSC8221
Description  Single Port 10/100/1000BASE-T PHY with1.25 Gbps SerDes for SFPs/GBICs
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8221 Datasheet(HTML) 54 Page - Microsemi Corporation

Back Button VSC8221 Datasheet HTML 50Page - Microsemi Corporation VSC8221 Datasheet HTML 51Page - Microsemi Corporation VSC8221 Datasheet HTML 52Page - Microsemi Corporation VSC8221 Datasheet HTML 53Page - Microsemi Corporation VSC8221 Datasheet HTML 54Page - Microsemi Corporation VSC8221 Datasheet HTML 55Page - Microsemi Corporation VSC8221 Datasheet HTML 56Page - Microsemi Corporation VSC8221 Datasheet HTML 57Page - Microsemi Corporation VSC8221 Datasheet HTML 58Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 138 page
background image
VSC8221
Data Sheet
VMDS-10106 Revision 4.1
December 2006
54 of 56
56
18.2 CMODE Bit Descriptions
The following table outlines the mapping of each CMODE bit to a PHY operating condition parameter. Each of the PHY
operating condition parameters is described in detail in Table 27: “PHY Operating Condition Parameter Description”.
Each of the PHY Operating Condition Parameters mentioned in Table 26 above is described in detail in Table 27.
Table 26. CMODE Bit to PHY Operating Condition Parameter Mapping
CMODE Pin Name
‘CMODE Bit’ to ‘PHY Operating Condition Parameter’ Mapping
Bit 3
Bit 2
Bit 1
Bit 0
CMODE0
PHY Address[3]
PHY Address[2]
PHY Address[1]
PHY Address[0]
CMODE1
SFP Mode Disable
PHY Address[4]
SiGDET pin direction
SerDes Line imped-
ance
CMODE2
PHY Operating
Mode[3]
PHY Operating
Mode[2]
PHY Operating
Mode[1]
PHY Operating
Mode[0]
CMODE3
LED Control[1]
SQE Enable
Reserved
Auto-negotiation
Advertisement Con-
trol[1]
Table 27. PHY Operating Condition Parameter Description
PHY Operating
Condition Parame-
ter Name
CMODE Pin Name and
Bit Position
Value
Description
PHY Address[4:0]
CMODE1[2],
CMODE0[3:0]
31-0
Sets the PHY Address used to access PHY Registers when the
PHY’s SMi is in iEEE mode. The value latched is reflected in
Extended Mii Register 23.15:11.
PHY Operating
Mode[3:0]
CMODE2[3:0]
These CMODE bits set the default PHY Operating Mode by setting the
default values of Mii Register 23.15:12,2:1.
0000
802.3z SerDes to CAT5 Media, Clause 37 auto-negotiation
auto-sense enabled.
0100
802.3z SerDes to CAT5 Media, Clause 37 disabled.
0101
SGMii to CAT5 Media, SCLK enabled.
1010
802.3z SerDes to CAT5 Media, Media Connector Mode.
1110
802.3z SerDes to CAT5 Media, Clause 37 enabled.
1111
SGMii to CAT5 Media, SCLK disabled.
LED Control[1]
CMODE3[3]
This sets the default behavior of LED pins LED[2:0] by setting the startup
values of MII Register Bit Register 27 (1Bh) – LED Control Register.
0
LED[2:0] = {Link10/Activity, Link100/Activity, Link1000/Activity}
(Mii Reg 27 = 0000h)
1
LED[2:0] = {Link/Activity, Link/Activity, Fault}
(Mii Reg 27 = AA80h)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com