Electronic Components Datasheet Search
  English  ▼

X  

VSC8221 Datasheet(PDF) 78 Page - Microsemi Corporation

Part # VSC8221
Description  Single Port 10/100/1000BASE-T PHY with1.25 Gbps SerDes for SFPs/GBICs
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8221 Datasheet(HTML) 78 Page - Microsemi Corporation

Back Button VSC8221 Datasheet HTML 74Page - Microsemi Corporation VSC8221 Datasheet HTML 75Page - Microsemi Corporation VSC8221 Datasheet HTML 76Page - Microsemi Corporation VSC8221 Datasheet HTML 77Page - Microsemi Corporation VSC8221 Datasheet HTML 78Page - Microsemi Corporation VSC8221 Datasheet HTML 79Page - Microsemi Corporation VSC8221 Datasheet HTML 80Page - Microsemi Corporation VSC8221 Datasheet HTML 81Page - Microsemi Corporation VSC8221 Datasheet HTML 82Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 138 page
background image
VSC8221
Data Sheet
VMDS-10106 Revision 4.1
December 2006
78 of 106
106
9.9 – 1000BASE-T FDX1
Since the VSC8221 is 1000BASE-T FDX capable, this bit is “1” by default. if bit 9.9 is written to be “0”, the auto-negotiation state
machine for the local PHY will be blocked from advertising 1000BASE-T FDX. Note that the Link Partner will be notified of the
state of bit 9.9 during auto-negotiation. After auto-negotiation is complete, changing the state of this bit has no effect unless
auto-negotiation is manually restarted.
9.8 – 1000BASE-T HDX1
Since the VSC8221 is 1000BASE-T HDX capable, this bit is “1” by default. if bit 9.8 is written to be “0”, the auto-negotiation state
machine for the local PHY will be blocked from advertising 1000BASE-T HDX. Note that the Link Partner will be notified of the
state of bit 9.8 during auto-negotiation. After auto-negotiation is complete, changing the state of this bit has no effect unless
auto-negotiation is manually restarted.
9.7:0 – Reserved
23.2.11 Register 10 (0Ah) – 1000BASE-T Status Register #1
10.15 – MASTER/SLAVE Configuration Fault2
This bit indicates whether a MASTER/SLAVE configuration fault has been detected by the local PHY. A configuration fault
occurs if both the local and remote PHYs are forced to the same MASTER/SLAVE state, or if no resolution is reached after
seven retries. When such a fault has been detected, this bit is set to “1”, but the PHY continues to renegotiate until the
MASTER/SLAVE configuration is resolved. Once set, this bit is automatically cleared when (and only when) Register 10 is read
via the SMi.
1The state of this register is internally latched when the auto-negotiation state machine enters the ABiLiTY_DETECT state. Changes to the
states of these bits are recognized only at that time. This register is valid only in 1000BASE-T mode.
Register 10 (0Ah) – 1000BASE-T Status Register #1
Bit Name
Access
States
Reset Value Sticky
15
MASTER/SLAVE Configuration
Fault
RO LH SC
1 = MASTER/SLAVE configuration fault detected
0 = No MASTER/SLAVE configuration fault
detected
0
14
MASTER/SLAVE Configuration
Resolution
RO
1 = Local PHY configuration resolved to MASTER
0 = Local PHY configuration resolved to SLAVE
1
13
Local Receiver Status
RO
1 = Local receiver OK
(loc_rcvr_status == OK)
0 = Local receiver not OK
(loc_rcvr_status == NOT_OK)
0
12
Remote Receiver Status
RO
1 = Remote receiver OK
(rem_rcvr_status == OK)
0 = Remote receiver not OK
(rem_rcvr_status == NOT_OK)
0
11
LP 1000BASE-T FDX Capability RO
1 = LP 1000BASE-T FDX capable
0 = LP not 1000BASE-T FDX capable
0
10
LP 1000BASE-T HDX Capability RO
1 = LP is 1000BASE-T HDX capable
0 = LP is not 1000BASE-T HDX capable
0
9:8 Reserved
RO
00
7:0 idle Error Count
RO SC
00000000
2This bit is valid only when the Page Received bit (6.1) is set to a “1” and if Mii Register bit 9.9 or 9.8 is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com