Electronic Components Datasheet Search
  English  ▼

X  

VSC8221 Datasheet(PDF) 107 Page - Microsemi Corporation

Part # VSC8221
Description  Single Port 10/100/1000BASE-T PHY with1.25 Gbps SerDes for SFPs/GBICs
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8221 Datasheet(HTML) 107 Page - Microsemi Corporation

Back Button VSC8221 Datasheet HTML 103Page - Microsemi Corporation VSC8221 Datasheet HTML 104Page - Microsemi Corporation VSC8221 Datasheet HTML 105Page - Microsemi Corporation VSC8221 Datasheet HTML 106Page - Microsemi Corporation VSC8221 Datasheet HTML 107Page - Microsemi Corporation VSC8221 Datasheet HTML 108Page - Microsemi Corporation VSC8221 Datasheet HTML 109Page - Microsemi Corporation VSC8221 Datasheet HTML 110Page - Microsemi Corporation VSC8221 Datasheet HTML 111Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 138 page
background image
VSC8221
Data Sheet
VMDS-10106 Revision 4.1
December 2006
107 of 123
123
24 ELECTRICAL SPECIFICATIONS
24.1 Absolute Maximum Ratings
Stresses listed under the Absolute Maximum Ratings may be applied to devices one at a time without causing permanent
damage. Functionality at or above the values listed is not implied. Exposure to these values for extended periods may affect
device reliability.
24.2 Recommended Operating Conditions
Table 34. Absolute Maximum Ratings
Symbol
Min
Max
Unit
Parameter Description & Conditions
TStorage
-65
150
°C
Storage temperature range.
VDD33A(Analog)
-0.5
4.0
V
DC voltage on analog i/O supply pin.
VDDREG
-0.5
4.0
V
DC voltage on Regulator supply pin.
VDDiO/VDDiO-
MiCRO/
VDDiOCTRL
-0.5
4.0
V
DC voltage on any digital i/O supply pin.
VDD(5V)
-0.5
5.5
V
DC voltage on any 5 V-tolerant digital input pin.
VDD12
-0.5
1.5
V
DC voltage on any digital core supply pin.
VDD12A
-0.5
1.5
V
DC voltage on any 1.2 V analog supply pin.
VPin(DC)
-0.5
VDD + 0.5
V
DC voltage on any non-supply pin.
VESD(HBM)
2kV
ESD voltage on any pin, per event, according to the Human
Body Model.
CESD
2
kV
Cable-sourced ESD tolerance, per event, at 200 meters.
iLATCHUP
-200
+200
mA
T = +85 °C, valid for all i/O signal pins.
ELECTROSTATiC DiSCHARGE
This device can be damaged by ESD. Microsemi recommends that all integrated cir-
cuits be handled with appropriate precautions. Failure to observe proper handling
and installation procedures may adversely affect reliability of the device.
Table 35. Recommended Operating Conditions
Symbol
Min
Typ
Max
Unit
Parameter Description & Conditions
VDD33A
3.0
3.3
3.6
V
DC voltage on VDD33A pins
VDDREG
3.0
3.3
3.6
V
DC voltage on Regulator Supply pin
VDD12A
1.14
1.2
1.26
V
DC voltage on VDD12A pins
VDDiO/
VDDiOMiCRO/
VDDiOCTRL
3.0
2.25
3.3
2.5
3.6
2.75
V
DC voltage on VDDiO pins
Note: The on-chip i/O calibration is only valid
within these recommended operating conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com