Electronic Components Datasheet Search
  English  ▼

X  

VSC8221 Datasheet(PDF) 114 Page - Microsemi Corporation

Part # VSC8221
Description  Single Port 10/100/1000BASE-T PHY with1.25 Gbps SerDes for SFPs/GBICs
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8221 Datasheet(HTML) 114 Page - Microsemi Corporation

Back Button VSC8221 Datasheet HTML 110Page - Microsemi Corporation VSC8221 Datasheet HTML 111Page - Microsemi Corporation VSC8221 Datasheet HTML 112Page - Microsemi Corporation VSC8221 Datasheet HTML 113Page - Microsemi Corporation VSC8221 Datasheet HTML 114Page - Microsemi Corporation VSC8221 Datasheet HTML 115Page - Microsemi Corporation VSC8221 Datasheet HTML 116Page - Microsemi Corporation VSC8221 Datasheet HTML 117Page - Microsemi Corporation VSC8221 Datasheet HTML 118Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 138 page
background image
VSC8221
Data Sheet
VMDS-10106 Revision 4.1
December 2006
114 of 123
123
25 DC SPECIFICATIONS
25.1 Digital Pins (VDDiO = 3.3 V)
The following specifications are valid only when TAmbient = 25 °C, VDDiO = 3.3 V, VDD12 = 1.2 V, VDD33A = 3.3 V, VSS = 0 V.
25.2 Digital Pins (VDDiO = 2.5 V)
The following specifications are valid only when TAmbient = 25 °C, VDDiO = 2.5 V, VDD12 = 1.2 V, VDD33A = 3.3 V, VSS = 0 V.
Table 47. Digital Pins Specifications (VDDiO = 3.3 V)
Symbol
Min
Typ
Max
Unit
Parameter Description & Conditions
VOH
2.4
VDDiO
V
Output high voltage.
VDDiO = MiN, iOH = -1.5 mA
VOL
GND
0.4
V
Output low voltage.
VDDiO = MiN, iOL = 1.5 mA
ViH
2.0
V
input high voltage.
ViL
0.8
V
input low voltage.
iiLeak
-10
10
µA
input leakage current.
iOLeak
-10
10
µA
Output leakage current.
Table 48. Digital Pins Specifications (VDDiO = 2.5 V)
Symbol
Min
Typ
Max
Unit
Parameter Description & Conditions
VOH
2.0
VDDiO
V
Output high voltage.
VDDiO = MiN, iOH = -1.0 mA
VOL
GND
0.4
V
Output low voltage.
VDDiO = MiN, iOL = 1.0 mA
ViH
1.7
V
input high voltage.
VDDiO = MiN
ViL
0.7
V
input low voltage.
VDDiO = MiN
iiLeak
-10
10
µA
input leakage current.
iOLeak
-10
10
µA
Output leakage current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com