Electronic Components Datasheet Search
  English  ▼

X  

VSC8221HH Datasheet(PDF) 48 Page - Microsemi Corporation

Part # VSC8221HH
Description  Single Port 10/100/1000BASE-T PHY with1.25 Gbps SerDes for SFPs/GBICs
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8221HH Datasheet(HTML) 48 Page - Microsemi Corporation

Back Button VSC8221HH Datasheet HTML 44Page - Microsemi Corporation VSC8221HH Datasheet HTML 45Page - Microsemi Corporation VSC8221HH Datasheet HTML 46Page - Microsemi Corporation VSC8221HH Datasheet HTML 47Page - Microsemi Corporation VSC8221HH Datasheet HTML 48Page - Microsemi Corporation VSC8221HH Datasheet HTML 49Page - Microsemi Corporation VSC8221HH Datasheet HTML 50Page - Microsemi Corporation VSC8221HH Datasheet HTML 51Page - Microsemi Corporation VSC8221HH Datasheet HTML 52Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 138 page
background image
VSC8221
Data Sheet
VMDS-10106 Revision 4.1
December 2006
48 of 48
48
15.2 Low-Power State
in the low-power state, all major digital blocks are powered down. However the following functionality is provided:
• SMi interface (MDC/MODDEF1, MDiO/MODDEF2, MDiNT)
• CLKOUT and CLKOUTMiCRO
in this state, the PHY monitors the media interface pins for signal energy. The PHY comes out of the low power state and
transitions to the Normal operating state when signal energy is detected on the media. This happens when the PHY is
connected to one of the following:
• Auto-negotiation capable link partner
• Auto-negotiation incapable (blind/forced) 100BTX only link partner
• Auto-negotiation incapable (blind/forced) 10BT only link partner
• Another PHY in enhanced ActiPHY LP wakeup state
in the absence of signal energy on the media pins, the PHY will transition from the low power state to the LP Wake up state
periodically based on the programmable sleep timer. Two register bits (Mii Register bits 28.1:0) are provided to program the
value of the sleep timer. The sleep timer can be programmed to 2'b00 (1sec), 2'b01 (2sec), 2'b10 (3sec), or 2'b11 (4sec). The
default value is 2 seconds. The actual sleep time duration is randomized by -80ms to +60ms to prevent two PHYs in Enhanced
ActiPHY mode from entering a lock-up state.
15.3 LP Wake-Up State
in this state, the PHY attempts to wake up the link partner. One complete FLP (Fast link Pulse) is sent on both pairs A and B of
the CAT5 media. in this state, the following functionality is provided:
• SMi interface (MDC/MODDEF1, MDiO/MODDEF2, MDiNT)
• CLKOUT and CLKOUTMiCRO
After sending signal energy on the relevant media, the PHY returns to the Low power state.
15.4 Normal Operating State
in this state, the PHY establishes a link with a link partner. When the media is unplugged or the link partner is powered down,
the PHY waits for the duration programmed through a link status timeout timer and then enters the low power state. The Link
Status Timeout timer can be programmed to 2'b00 (1sec), 2'b01 (2sec), 2'b10 (3sec) or 2'b11 (4sec). The default value for this
timer is 2 seconds.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com