Electronic Components Datasheet Search
  English  ▼

X  

VSC8221HH Datasheet(PDF) 71 Page - Microsemi Corporation

Part # VSC8221HH
Description  Single Port 10/100/1000BASE-T PHY with1.25 Gbps SerDes for SFPs/GBICs
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8221HH Datasheet(HTML) 71 Page - Microsemi Corporation

Back Button VSC8221HH Datasheet HTML 67Page - Microsemi Corporation VSC8221HH Datasheet HTML 68Page - Microsemi Corporation VSC8221HH Datasheet HTML 69Page - Microsemi Corporation VSC8221HH Datasheet HTML 70Page - Microsemi Corporation VSC8221HH Datasheet HTML 71Page - Microsemi Corporation VSC8221HH Datasheet HTML 72Page - Microsemi Corporation VSC8221HH Datasheet HTML 73Page - Microsemi Corporation VSC8221HH Datasheet HTML 74Page - Microsemi Corporation VSC8221HH Datasheet HTML 75Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 138 page
background image
VSC8221
Data Sheet
VMDS-10106 Revision 4.1
December 2006
71 of 106
106
23.2.4 Register 3 (03h) – PHY identifier Register #2
3.15:10 – OUi
Microsemi has been assigned an OUi from the iEEE of 0003F1h. Per iEEE requirements, only OUi bits 19 to 24 are used in this
register.
3.9:4 - Vendor Model Number
The Model no. of this iC is ‘010101’.
3.3:0 - Vendor Revision Number
The current Revision Number of this iC is ‘0001’.
23.2.5 Register 4 (04h) – Auto-Negotiation Advertisement Register
This register controls the advertised abilities of the local (not remote) PHY. The state of this register is latched when the auto-
negotiation state machine enters the ABiLiTY_DETECT state. Thus, any writes to this register prior to completion of auto-
negotiation as indicated by Mii Register bit 1.5 should be followed by a re-negotiation for the new values to be properly used for
auto-negotiation. Once auto-negotiation has completed, this register value may be read via the SMi to determine the highest
common denominator technology.
4.15 – Auto-Negotiation Additional Next-Page Transmission Request
The VSC8221 supports additional Next-Page transmission through Mii Register bit 4.15. See description of Mii Register bit 18.1
for more details on Next-Page exchanges.
4.14, 4.12 – Reserved
Register 3 (03h) – PHY identifier Register #2
Bit
Name
Access States
Reset Value
Sticky
15:10 Organizationally Unique identifier
RO
OUi least significant bits
(Microsemi OUi bits 19:24)
110001
9:4
Vendor Model Number
RO
Vendor’s model number (iC)
010101 = VSC8221
3:0
Vendor Revision Number
RO
Vendor’s revision number (iC)
0001 = Silicon Revision C
Register 4 (04h) – Auto-Negotiation Advertisement Register
Bit
Name
Access States
Reset Value
Sticky
15
Next-Page Transmission Request
R/W
1 = Next-Page transmission request
0
14
Reserved
RO
0
13
Transmit Remote Fault
R/W
1 = Transmit remote fault
0
12
Reserved
RO
0
11
Advertise Asymmetric Pause
R/W
1 = Advertise Asymmetric Pause capable
CMODE
10
Advertise Symmetric Pause
R/W
1 = Advertise Symmetric Pause capable
CMODE
9
Advertise 100BASE-T4 Capability R/W
1 = 100BASE-T4 capable
0
8
Advertise 100BASE-TX FDX
R/W
1 = 100BASE-TX FDX capable
CMODE
7
Advertise 100BASE-TX HDX
R/W
1 = 100BASE-TX HDX capable
CMODE
6
Advertise 10BASE-T FDX
R/W
1 = 10BASE-T FDX capable
CMODE
5
Advertise 10BASE-T HDX
R/W
1 = 10BASE-T HDX capable
CMODE
4:0
Advertise Selector Field
R/W
00001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com