Electronic Components Datasheet Search
  English  ▼

X  

VSC8221HH Datasheet(PDF) 49 Page - Microsemi Corporation

Part # VSC8221HH
Description  Single Port 10/100/1000BASE-T PHY with1.25 Gbps SerDes for SFPs/GBICs
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8221HH Datasheet(HTML) 49 Page - Microsemi Corporation

Back Button VSC8221HH Datasheet HTML 45Page - Microsemi Corporation VSC8221HH Datasheet HTML 46Page - Microsemi Corporation VSC8221HH Datasheet HTML 47Page - Microsemi Corporation VSC8221HH Datasheet HTML 48Page - Microsemi Corporation VSC8221HH Datasheet HTML 49Page - Microsemi Corporation VSC8221HH Datasheet HTML 50Page - Microsemi Corporation VSC8221HH Datasheet HTML 51Page - Microsemi Corporation VSC8221HH Datasheet HTML 52Page - Microsemi Corporation VSC8221HH Datasheet HTML 53Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 138 page
background image
VSC8221
Data Sheet
VMDS-10106 Revision 4.1
December 2006
49 of 50
50
16 ETHERNET IN-LINE POWERED DEVICE SUPPORT
16.1 Cisco in-Line Powered Device Detection Mode
Used to detect in-line powered devices and devices that derive power from CAT-5 cable for their operation in Ethernet network
applications, the VSC8221 device's in-line powered device detection mode can be part of a system that allows iP-phones and
other devices to receive power from an Ethernet cable, similar to office digital phones receiving power from a PBX (Private
Branch Exchange) office switch via the phone cable. This can eliminate the need for an iP-Phone to have an external power
supply, since the Ethernet cable provides power. it also enables the in-line powered device to remain active during a power
outage (assuming the Ethernet switch is connected to an uninterrupted power supply, battery, back-up power generator, etc.).
This mode is disabled by default and must be enabled in order to perform in-line powered device detection. Please refer to http:/
/www.cisco.com/en/US/products/hw/phones/ps379/products_tech_note09186a00801189b5.shtml for additional information.
16.2 in-Line Power Ethernet Switch Diagram
Figure 17. in-line Powered Ethernet Switch Diagram
SMI
Control
Processor
Gigabit Switch/MAC
VSC8221
10/100/
1000BT PHY
MAC
Interface
X-former
RJ-45
I/F
IN-LINE
POWER
SUPPLY
UNIT
CAT-5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com