Electronic Components Datasheet Search
  English  ▼

X  

VSC8221HH Datasheet(PDF) 53 Page - Microsemi Corporation

Part # VSC8221HH
Description  Single Port 10/100/1000BASE-T PHY with1.25 Gbps SerDes for SFPs/GBICs
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8221HH Datasheet(HTML) 53 Page - Microsemi Corporation

Back Button VSC8221HH Datasheet HTML 49Page - Microsemi Corporation VSC8221HH Datasheet HTML 50Page - Microsemi Corporation VSC8221HH Datasheet HTML 51Page - Microsemi Corporation VSC8221HH Datasheet HTML 52Page - Microsemi Corporation VSC8221HH Datasheet HTML 53Page - Microsemi Corporation VSC8221HH Datasheet HTML 54Page - Microsemi Corporation VSC8221HH Datasheet HTML 55Page - Microsemi Corporation VSC8221HH Datasheet HTML 56Page - Microsemi Corporation VSC8221HH Datasheet HTML 57Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 138 page
background image
VSC8221
Data Sheet
VMDS-10106 Revision 4.1
December 2006
53 of 56
56
18 HARDWARE CONFIGURATION USING CMODE PINS
Each of the four CMODE pins (CMODE[3:0]) are used to latch a four bit value at PHY reset. A total of sixteen CMODE
configuration bits are set at reset. Each CMODE bit represents the default value of a particular PHY register bit and therefore
sets a default PHY operating condition at startup.
18.1 Setting the CMODE Configuration Bits
The CMODE bits are set by connecting each CMODE pin to either VDD33A or VSS (ground) through an external 1% resistor.
The four bit value latched by the PHY on each CMODE pin depends upon the value of the resistor used to pull-up or pull-down
the CMODE pin. CMODE resistor values and connections are defined in the following table:
Table 25. CMODE Pull-up/Pull-down Resistor Values
CMODE
bit 3 value
CMODE
bit 2 value
CMODE
bit 1 value
CMODE
bit 0 value
CMODE
Resistor Value
Tied to
VDD33A or GND
00000
GND
0001
2.26k
GND
0010
4.02k
GND
0011
5.90k
GND
010
0
8.25k
GND
0101
12.1k
GND
0110
16.9k
GND
0111
22.6k
GND
10000
VDD33A
1001
2.26k
VDD33A
1010
4.02k
VDD33A
1011
5.90k
VDD33A
1100
8.25k
VDD33A
1101
12.1k
VDD33A
1110
16.9k
VDD33A
1111
22.6k
VDD33A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com