Electronic Components Datasheet Search
  English  ▼

X  

VSC8221HH Datasheet(PDF) 92 Page - Microsemi Corporation

Part # VSC8221HH
Description  Single Port 10/100/1000BASE-T PHY with1.25 Gbps SerDes for SFPs/GBICs
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8221HH Datasheet(HTML) 92 Page - Microsemi Corporation

Back Button VSC8221HH Datasheet HTML 88Page - Microsemi Corporation VSC8221HH Datasheet HTML 89Page - Microsemi Corporation VSC8221HH Datasheet HTML 90Page - Microsemi Corporation VSC8221HH Datasheet HTML 91Page - Microsemi Corporation VSC8221HH Datasheet HTML 92Page - Microsemi Corporation VSC8221HH Datasheet HTML 93Page - Microsemi Corporation VSC8221HH Datasheet HTML 94Page - Microsemi Corporation VSC8221HH Datasheet HTML 95Page - Microsemi Corporation VSC8221HH Datasheet HTML 96Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 138 page
background image
VSC8221
Data Sheet
VMDS-10106 Revision 4.1
December 2006
92 of 106
106
26.1 – MASTER/SLAVE Resolution Error interrupt Status
When a MASTER/SLAVE resolution error is detected, bit 26.1 is set to “1” if bit 25.1 is also set to “1”. This bit is automatically
cleared when read.
26.0 – RXER interrupt Status
When an RXER condition occurs, bit 26.0 is set to “1” if bit 25.0 is also set to “1”.This bit is automatically cleared when read.
23.2.28 Register 27 (1Bh) – LED Control Register
27.15:12 - Reserved
Register 27 (1Bh) – LED Control Register
Bit
Name
Access
States
Reset
Value
Sticky
15:12 Reserved
RO
CMODE
11:10 LED Pin 2 Configuration
R/W
00 = Link10/Activity
011 = Duplex/Collision
10 = Link/Activity
112 = Tx
1 This setting is ‘Force off’ when Mii Register 20E.13 is set.
2 This setting is ‘Force on’ when Mii Register 20E.13 is set.
CMODE S
9:8
LED Pin 1 Configuration
R/W
00 = Link100/Activity
01 = Link10/100/Activity
10 = Link/Activity
11 = Link100/1000/Activity
CMODE S
7:6
LED Pin 0 Configuration
R/W
00 = Link1000/Activity
01 = Link/Activity w/ Serial output on LED pins 1 and 2
10 = Fault
11 = Rx
CMODE S
5
LED Pulse-stretch Rate/ Blink
Rate
R/W
0 = 5 Hz blink rate/200 ms pulse-stretch
1 = 10 Hz blink rate/100 ms pulse-stretch
0
S
4
LED Pulsing Enable
R/W
1 = Enable 5 kHz, 20% duty cycle LED pulsing for
power savings
0 = LED pulsing disabled
0
S
3
LED Pulse-Stretch / Blink Select R/W
1 = Collision, Activity, Rx and Tx functions will flash at
a rate selected by Blink/Pulse-Stretch Rate bits
0 = Collision, Activity, Rx and Tx functions will blink at
a rate selected by Blink/Pulse-Stretch Rate bits
0
S
2
Link/Activity Behaviour
R/W
1 = Link function indicates link status only
0 = Link/Activity function will blink or flash when
activity is present. Blink/flash behavior is selected
by Pulse-Stretch Enable and Blink/Pulse-Stretch
Rate bits.
0
1
LED Linkxxxx/Activity3 Behavior
3 Linkxxxx/Activity stands for Link10/Activity,Link100/Activity,Link1000/Activity,Link10/100/Activity and Link100/1000/Activity. its definition does not include the Link/
Activity function.
R/W
1 = Link function indicates link status only
0 = All link functions will blink or flash when activity is
present. Blink/flash behavior is selected by Pulse-
Stretch Enable and Blink/Pulse-Stretch Rate bits.
0
S
0
LED Duplex/Collision Behavior
R/W
1 = Duplex function indicates duplex status only
0 = Duplex function will blink or flash when collision is
present
0
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com