Electronic Components Datasheet Search
  English  ▼

X  

VSC8221HH Datasheet(PDF) 74 Page - Microsemi Corporation

Part # VSC8221HH
Description  Single Port 10/100/1000BASE-T PHY with1.25 Gbps SerDes for SFPs/GBICs
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8221HH Datasheet(HTML) 74 Page - Microsemi Corporation

Back Button VSC8221HH Datasheet HTML 70Page - Microsemi Corporation VSC8221HH Datasheet HTML 71Page - Microsemi Corporation VSC8221HH Datasheet HTML 72Page - Microsemi Corporation VSC8221HH Datasheet HTML 73Page - Microsemi Corporation VSC8221HH Datasheet HTML 74Page - Microsemi Corporation VSC8221HH Datasheet HTML 75Page - Microsemi Corporation VSC8221HH Datasheet HTML 76Page - Microsemi Corporation VSC8221HH Datasheet HTML 77Page - Microsemi Corporation VSC8221HH Datasheet HTML 78Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 138 page
background image
VSC8221
Data Sheet
VMDS-10106 Revision 4.1
December 2006
74 of 106
106
6.3 – LP Next-Page Able
LP Next-Page Able returns a “1” when the Link Partner has Next-Page capabilities. This bit is used in the auto-negotiation state
machines, as defined in Clause 28 of iEEE 802.3. The state of this bit is valid when either the Auto-Negotiation Complete bit
(1.5) or the Page Received bit (6.1) is set.
6.2 – Local PHY Next-Page Able
Since the VSC8221 is next-page capable during Clause-28 auto-negotiation, this bit is hard-wired to “1”.
6.1 – Page Received
Page Received is set to “1” when a new Link Code Word is received from the Link Partner, validated, and acknowledged. Page
Received is automatically cleared when (and only when) Register 6 is read via the SMi.
6.0 – LP Auto-Negotiation Able
LP Auto-Negotiation Able is set to “1” if the Link Partner advertises auto-negotiation capability. The state of this bit is valid when
the Auto-Negotiation Complete bit (1.5) or the Page Received bit (6.1) is set.
23.2.8 Register 7 (07h) – Auto-Negotiation Next-Page Transmit Register
7.15 – Next Page
The Next Page bit indicates whether this is the last Next-Page to be transmitted. By default, this bit is set to “0”, indicating that
this is the last page.
7.14 – Reserved
7.13 – Message Page
The Message Page bit indicates whether this page is a message page or an unformatted page. This bit does not otherwise
affect the operation of the local PHY. By default, this bit is set to “1”, indicating that this is a message page.
7.12 – Acknowledge2
The Acknowledge2 bit indicates if the local MAC reports that it is able to act on the information (or perform the task) indicated in
the previous message. The local PHY does not interpret or act on changes in the state of this bit.
Register 7 (07h) – Auto-Negotiation Next-Page Transmit Register
Bit
Name
Access
States
Reset Value
Sticky
15
Next Page
R/W
1 = More pages follow
0 = Last page
0
14
Reserved
RO
0
13
Message Page
R/W
1 = Message page
0 = Unformatted page
1
12
Acknowledge2
R/W
1 = Will comply with request
0 = Cannot comply with request
0
11
Toggle
RO
1 = Previous transmitted LCW == 0
0 = Previous transmitted LCW == 1
0
10:0
Message/Unformatted Code
R/W
00000000001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com