Electronic Components Datasheet Search
  English  ▼

X  

AD7383 Datasheet(PDF) 7 Page - Analog Devices

Part # AD7383
Description  Pseudo Differential Input, 1 MSPS/500 kSPS, Dual, Simultaneous Sampling, 16-Bit, SAR ADCs
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7383 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7383 Datasheet HTML 3Page - Analog Devices AD7383 Datasheet HTML 4Page - Analog Devices AD7383 Datasheet HTML 5Page - Analog Devices AD7383 Datasheet HTML 6Page - Analog Devices AD7383 Datasheet HTML 7Page - Analog Devices AD7383 Datasheet HTML 8Page - Analog Devices AD7383 Datasheet HTML 9Page - Analog Devices AD7383 Datasheet HTML 10Page - Analog Devices AD7383 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
Data Sheet
AD4682/AD4683
Rev. 0 | Page 7 of 30
ABSOLUTE MAXIMUM RATINGS
Table 4.
Parameter
Rating
VCC to GND
−0.3 V to +4 V
VLOGIC to GND
−0.3 V to +4 V
Input Voltage
Analog to GND
−0.3 V to VREF + 0.3 V, VCC + 0.3 V,
or +4 V (whichever is smaller)
Digital to GND
−0.3 V to VLOGIC + 0.3 V, or +4 V
(whichever is smaller)
Digital Output Voltage to
GND
−0.3 V to VLOGIC + 0.3 V, or +4 V
(whichever is smaller)
REFIO Input to GND
−0.3 V to VCC + 0.3 V
Input Current to Any Pin
Except Supplies
±10 mA
Temperature
Operating Range
−40°C to +125°C
Storage Range
−65°C to +150°C
Junction
150°C
Pb-Free Soldering Reflow
260°C
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the
operational section of this specification is not implied.
Operation beyond the maximum operating conditions for
extended periods may affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to
PCB thermal design is required.
θJA is the natural convection, junction to ambient thermal
resistance measured in a one cubic foot sealed enclosure. θJC is
the junction to case thermal resistance.
Table 5. Thermal Resistance
Package Type
θJA
θJC
Unit
CP-16-451
55.4
12.7
°C/W
1
Test Condition 1: thermal impedance simulated values are based on
JEDEC 2S2P thermal test board four thermal vias. See JEDEC JESDS-51.
ELECTROSTATIC DISCHARGE (ESD) RATINGS
The following ESD information is provided for handling of
ESD-sensitive devices in an ESD protected area only.
Human body model (HBM) per ANSI/ESDA/JEDEC JS-001.
Field induced charge device model (FICDM) per ANSI/ESDA/
JEDEC JS-002.
ESD Ratings for AD4682 and AD4683
Table 6. AD4682 and AD4683, 16-Lead LFCSP
ESD Model
Withstand Threshold (V)
Class
HBM
±4000
3A
FICDM
±1250
C3
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com