Electronic Components Datasheet Search
  English  ▼

X  

AD7383 Datasheet(PDF) 29 Page - Analog Devices

Part # AD7383
Description  Pseudo Differential Input, 1 MSPS/500 kSPS, Dual, Simultaneous Sampling, 16-Bit, SAR ADCs
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7383 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD7383 Datasheet HTML 22Page - Analog Devices AD7383 Datasheet HTML 23Page - Analog Devices AD7383 Datasheet HTML 24Page - Analog Devices AD7383 Datasheet HTML 25Page - Analog Devices AD7383 Datasheet HTML 26Page - Analog Devices AD7383 Datasheet HTML 27Page - Analog Devices AD7383 Datasheet HTML 28Page - Analog Devices AD7383 Datasheet HTML 29Page - Analog Devices AD7383 Datasheet HTML 30Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 29 / 30 page
background image
Data Sheet
AD4682/AD4683
Rev. 0 | Page 29 of 30
Bits
Bit Name
Description
Reset
Access
5
AL_B_HIGH
Alert B High. The alert indication high bits indicate if a conversion result for the respective
input channel exceeds the value set in the ALERT_HIGH_THRESHOLD register. This fault bit is
sticky and remains set until the register is read.
0x0
R
1: alert indication.
0: no alert indication.
4
AL_B_LOW
Alert B Low. The alert indication low bits indicate if a conversion result for the respective
input channel exceeds the value set in the ALERT_LOW_THRESHOLD register. This fault bit is
sticky and remains set until the register is read.
0x0
R
1: alert indication.
0: no alert indication.
[3:2]
RESERVED
Reserved.
0x0
R
1
AL_A_HIGH
Alert A High. The alert indication high bits indicate if a conversion result for the respective
input channel exceeds the value set in the ALERT_HIGH_THRESHOLD register. This fault bit is
sticky and remains set until the register is read.
0x0
R
0: no alert indication.
1: alert indication.
0
AL_A_LOW
Alert A Low. The alert indication low bits indicate if a conversion result for the respective
input channel exceeds the value set in the ALERT_LOW_THRESHOLD register. This fault bit is
sticky and remains set until the register is read.
0x0
R
1: alert indication.
0: no alert indication.
ALERT_LOW_THRESHOLD REGISTER
Address: 0x4, Reset: 0x0800, Name: ALERT_LOW_THRESHOLD
Addres s ing
Alert Low
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
8
0
9
0
10
0
11
1
12
0
13
0
14
0
15
0
[15:12] ADDRESSING (R/W)
[11:0] ALERT_LOW (R/W)
Table 19. Bit Descriptions for ALERT_LOW_THRESHOLD
Bits
Bit Name
Description
Reset
Access
[15:12]
ADDRESSING
Addressing. Bits[15:12] define the address of the relevant register. See the Addressing Registers
section for further details.
0x0
R/W
[11:0]
ALERT_LOW
Alert Low. Bits[D11:D0] from ALERT_LOW move to the MSBs of the internal alert low register,
Bits[D15:D4]. The remaining bits, Bits[D3:D0], are fixed at 0x0, which sets an alert when the
converter result is below ALERT_LOW_THRESHOLD and disables when the converter result is
above ALERT_LOW_THRESHOLD.
0x800
R/W
ALERT_HIGH_THRESHOLD REGISTER
Address: 0x5, Reset: 0x07FF, Name: ALERT_HIGH_THRESHOLD
Addres s ing
Alert High
0
1
1
1
2
1
3
1
4
1
5
1
6
1
7
1
8
1
9
1
10
1
11
1
12
0
13
0
14
0
15
0
[15:12] ADDRESSING (R/W)
[11:0] ALERT_HIGH (R/W)
Table 20. Bit Descriptions for ALERT_HIGH_THRESHOLD
Bits
Bit Name
Description
Reset
Access
[15:12]
ADDRESSING
Addressing. Bits[15:12] define the address of the relevant register. See the Addressing Registers
section for further details.
0x0
R/W
[11:0]
ALERT_HIGH
Alert High. Bits[D11:D0] from ALERT_HIGH move to the MSBs of the internal alert high
register, Bits[D15:D4]. The remaining bits, Bits[D3:D0], are fixed at 0xF, which sets an alert
when the converter result is above ALERT_HIGH_THRESHOLD and disables when the
converter result is below ALERT_HIGH_THRESHOLD.
0x7FF
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com