Electronic Components Datasheet Search
  English  ▼

X  

AD7383 Datasheet(PDF) 21 Page - Analog Devices

Part # AD7383
Description  Pseudo Differential Input, 1 MSPS/500 kSPS, Dual, Simultaneous Sampling, 16-Bit, SAR ADCs
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7383 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD7383 Datasheet HTML 17Page - Analog Devices AD7383 Datasheet HTML 18Page - Analog Devices AD7383 Datasheet HTML 19Page - Analog Devices AD7383 Datasheet HTML 20Page - Analog Devices AD7383 Datasheet HTML 21Page - Analog Devices AD7383 Datasheet HTML 22Page - Analog Devices AD7383 Datasheet HTML 23Page - Analog Devices AD7383 Datasheet HTML 24Page - Analog Devices AD7383 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
Data Sheet
AD4682/AD4683
Rev. 0 | Page 21 of 30
INTERFACE
The interface to the AD4682 and the AD4683 is via an SPI. The
interface consists of the CS, SCLK, SDOA, SDOB/ALERT, and SDI
pins. Multifunction pin names may be referenced by their relevant
function only.
The CS signal frames a serial data transfer and initiates an ADC
conversion process. The falling edge of CS puts the track-and-
hold into hold mode, at which point the analog input is sampled,
and the bus is taken out of three-state.
The SCLK signal synchronizes data in and out of the devices via
the SDOA, SDOB, and SDI signals. A minimum of 16 SCLKs
are required for a write to or read from a register. The minimum
number of SCLKs for a conversion read is dependent on the
resolution of the devices and the configuration settings (see
Table 11).
The ADC conversion operation is driven internally by an
on-board oscillator and is independent of the SCLK signal.
The AD4682 and the AD4683 have two serial output signals,
SDOA and SDOB. To achieve the highest throughput of the
devices, use both SDOA and SDOB, 2-wire mode, to read
conversion results. If a reduced throughput is required or
oversampling is used, it is possible to use 1-wire mode, SDOA
signal only, for reading conversion results. Programming the
SDO bit in the CONFIGURATION2 register configures 2-wire
mode or 1-wire mode.
Configuring a cyclic redundancy check (CRC) operation for SPI
reads or SPI writes alters the operation of the interface. Consult
the relevant CRC Read, CRC Write, and CRC Polynomial
sections to ensure proper operation.
READING CONVERSION RESULTS
The CS signal initiates the conversion process. A high to low
transition on the CS signal initiates a simultaneous conversion
of both ADCs, ADC A and ADC B. The AD4682 and the
AD4683 have a one-cycle readback latency. Therefore, the
conversion results are available on the next SPI access. Take the
CS signal low, and the conversion result clocks out on the serial
output pins. The next conversion also initiates at this point.
The conversion result shifts out of the device as a 16-bit result
for the AD4682 and the AD4683. The MSB of the conversion
result shifts out on the CS falling edge. The remaining data
shifts out of the device under the control of the SCLK input.
The data shifts out on the rising edge of the SCLK, and the data
bits are valid on both the falling edge and the rising edge. After
the final SCLK falling edge, take CS high again to return the
SDOA and SDOB/ALERT pins to a high impedance state.
The number of SCLK cycles to propagate the conversion results
on the SDOA and SDOB/ALERT pins is dependent on the serial
mode of operation configured and if resolution boost mode is
enabled (see Figure 40 and Table 11 for details). If CRC reading
is enabled, this reading requires additional SCLK pulses to
propagate the CRC information (see the CRC section for more
details).
As the CS signal initiates a conversion and frames the data, any
data access must be completed within a single frame.
Table 11. Number of SCLK Cycles, n, Required for Reading
Conversion Results
Interface
Configuration
Resolution
Boost Mode
CRC Read
SCLK Cycles
2-Wire
Disabled
Disabled
16
Enabled
24
Enabled
Disabled
18
Enabled
26
1-Wire
Disabled
Disabled
32
Enabled
40
Enabled
Disabled
36
Enabled
44
CS
1
2
3
n1
SCLK
CONVERSION RESULTS
SDOx
1CONSULT TABLE 11 FOR VALUES FOR n, THE NUMBER OF SCLK PULSES REQUIRED.
Figure 40. Reading Conversion Results



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com