Electronic Components Datasheet Search
  English  ▼

X  

AD7383 Datasheet(PDF) 20 Page - Analog Devices

Part # AD7383
Description  Pseudo Differential Input, 1 MSPS/500 kSPS, Dual, Simultaneous Sampling, 16-Bit, SAR ADCs
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7383 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD7383 Datasheet HTML 16Page - Analog Devices AD7383 Datasheet HTML 17Page - Analog Devices AD7383 Datasheet HTML 18Page - Analog Devices AD7383 Datasheet HTML 19Page - Analog Devices AD7383 Datasheet HTML 20Page - Analog Devices AD7383 Datasheet HTML 21Page - Analog Devices AD7383 Datasheet HTML 22Page - Analog Devices AD7383 Datasheet HTML 23Page - Analog Devices AD7383 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
AD4682/AD4683
Data Sheet
Rev. 0 | Page 20 of 30
Shutdown Mode
When slower throughput rates and lower power consumption
are required, use shutdown mode by either powering down the
ADC between each conversion, or by performing a series of
conversions at a high throughput rate and then powering down
the ADC for a relatively long duration between these burst
conversions. When the AD4682 and the AD4683 are in shutdown
mode, all analog circuitry powers down, including the internal
reference, if enabled. The SPI remains active during shutdown
mode to allow the AD4682 and the AD4683 to exit shutdown
mode.
To enter shutdown mode, write to the PMODE bit in the
CONFIGURATION1 register. The AD4682 and the AD4683
shut down, and current consumption reduces.
To exit shutdown mode and return to normal mode, set the
PMODE bit in the CONFIGURATION1 register to Logic 0. All
register configuration settings remain unchanged entering or
exiting shutdown mode. After exiting shutdown mode, allow
sufficient time for the circuitry to turn on before starting a
conversion. If the internal reference is enabled, allow the
reference to settle for accurate conversions to happen.
INTERNAL AND EXTERNAL REFERENCE
The AD4682 and the AD4683 have a buffered 2.5 V internal
reference primarily used as a reference voltage for device operation.
When using the buffered internal 2.5 V reference externally via
the REFIO pin, the reference must use an external buffer before
connecting to the external circuitry. Alternatively, if a more
accurate reference or higher dynamic range is required, an
external reference can be supplied. An externally supplied
reference voltage can range from 2.5 V to 3.3 V.
Reference selection, internal or external, is configured by the
REFSEL bit in the CONFIGURATION1 register. If the REFSEL
bit is set to 0, the internal reference buffer is enabled. If the
REFSEL bit is set to 1, the internal reference buffer is disabled. If
an external reference is preferred, set the REFSEL bit to 1 and
supply an external reference to the REFIO pin.
SOFTWARE RESET
The AD4682 and the AD4683 have two reset modes, a soft reset
and a hard reset. To initiate a reset, write to the reset bits,
Bits[7:0], in the CONFIGURATION2 register.
A soft reset maintains the contents of the configurable registers
but refreshes the interface and the ADC blocks. Any internal
state machines are reinitialized, and the oversampling block
and FIFO are flushed. The ALERT register is then cleared. The
reference and LDO regulator remain powered.
A hard reset, in addition to the blocks reset by a soft reset, resets all
user registers to default status, resets the reference buffer, and
resets the internal oscillator block.
CS
SOFTWARE RESET
tRESET
SDI
Figure 38. Software Reset Operation
DIAGNOSTIC SELF TEST
The AD4682 and the AD4683 run a diagnostic self test after a
power-on reset (POR) or after a software hard reset to ensure
the proper configuration is loaded into the device.
The result of the self test is displayed in the SETUP_F bit in the
ALERT register. If the SETUP_F bit is set to Logic 1, the diagnostic
self test fails. If the self test fails, perform a software hard reset
to reset the AD4682 and the AD4683 registers to the default status.
CS
SHUTDOWN
NORMAL
SDI
tSTARTUP
SHUTDOWN MODE
NORMAL MODE
ACCURATE CONVERSION
Figure 39. Shutdown Mode Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com