| Electronic Components Datasheet Search |
|
AD7383 Datasheet(PDF) 23 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD7383 Datasheet(HTML) 23 Page - Analog Devices |
|
23 / 30 page ![]() Data Sheet AD4682/AD4683 Rev. 0 | Page 23 of 30 READING FROM DEVICE REGISTERS All of the registers in the AD4682 and the AD4683 can be read over the SPI. To perform a register read, issue a register read command followed by an additional SPI command that can be either a valid command or a no operation (NOP) command. The format for a read command is shown in Table 14. Set Bit D15 to 0 to select a read command. Bits[D14:D12] contain the register address, and the subsequent 12 bits, Bits[D11:D0], are ignored. WRITING TO DEVICE REGISTERS All of the read and write registers in the AD4682 and the AD4683 can be written to over the SPI. The length of an SPI write access is determined by the CRC write function. An SPI access is 16 bits if CRC write is disabled and 24 bits when CRC write is enabled. The format for a write command is shown in Table 14. Set Bit D15 to 1 to select a write command. Bits[D14:D12] contain the register address, and the subsequent 12 bits, Bits[D11:D0], contain the data to be written to the selected register. S0 S1 S2 S3 S4 CS NOP READ REG 1 READ REG 2 NOP NOP SDI INVALID RESULT S0 REG 1DATA REG 2DATA RESULT S3 SDOA INVALID RESULT S0 RESULT S3 SDOB Figure 44. Register Read S0 S1 S2 S3 CS NOP WRITE REG 1 WRITE REG 2 NOP SDI INVALID RESULT S0 RESULT S1 RESULT S2 SDOA SDOB Figure 45. Register Write |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |