Electronic Components Datasheet Search
  English  ▼

X  

AD7383 Datasheet(PDF) 30 Page - Analog Devices

Part # AD7383
Description  Pseudo Differential Input, 1 MSPS/500 kSPS, Dual, Simultaneous Sampling, 16-Bit, SAR ADCs
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7383 Datasheet(HTML) 30 Page - Analog Devices

Back Button AD7383 Datasheet HTML 22Page - Analog Devices AD7383 Datasheet HTML 23Page - Analog Devices AD7383 Datasheet HTML 24Page - Analog Devices AD7383 Datasheet HTML 25Page - Analog Devices AD7383 Datasheet HTML 26Page - Analog Devices AD7383 Datasheet HTML 27Page - Analog Devices AD7383 Datasheet HTML 28Page - Analog Devices AD7383 Datasheet HTML 29Page - Analog Devices AD7383 Datasheet HTML 30Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 30 / 30 page
background image
AD4682/AD4683
Data Sheet
Rev. 0 | Page 30 of 30
OUTLINE DIMENSIONS
3.10
3.00 SQ
2.90
0.30
0.25
0.18
*1.20
1.10 SQ
1.00
1
0.50
BSC
BOTTOM VIEW
TOP VIEW
16
5
8
9
12
13
4
0.45
0.40
0.35
0.05 MAX
0.02 NOM
0.15 REF
0.55 REF
0.45
COPLANARITY
0.08
0.80
0.75
0.70
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
EXPOSED
PAD
*COMPLIANT TO JEDEC STANDARDS MO-220-WEED-4
WITH EXCEPTION TO THE EXPOSED PAD
SEATING
PLANE
PIN 1
INDICATOR
AREA
DETAIL A
(JEDEC 95)
ED
P IN 1
IN D IC AT O R AR E A OP T IO N S
(SEE DETAIL A)
Figure 47. 16-Lead Lead Frame Chip Scale Package [LFCSP]
3 mm × 3 mm Body and 0.75 mm Package Height
(CP-16-45)
Dimensions shown in millimeters
ORDERING GUIDE
Model1, 2
Resolution
Throughput
Rate
Temperature
Range
Package Description
Package
Option
Marking Code
AD4682BCPZ-RL
16-Bit
1 MSPS
−40°C to +125°C
16-Lead LFCSP
CP-16-45
CAN
AD4682BCPZ-RL7
16-Bit
1 MSPS
−40°C to +125°C
16-Lead LFCSP
CP-16-45
CAN
AD4683BCPZ-RL
16-Bit
500 kSPS
−40°C to +125°C
16-Lead LFCSP
CP-16-45
CAP
AD4683BCPZ-RL7
16-Bit
500 kSPS
−40°C to +125°C
16-Lead LFCSP
CP-16-45
CAP
EVAL-AD7383FMCZ
AD7383 Evaluation Board
1
Z = RoHS Compliant Part.
2
Use the EVAL-AD7383FMCZ to evaluate the AD4682 and the AD4683.
©2020 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D23411-10/20(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com