Electronic Components Datasheet Search
  English  ▼

X  

ADF4401A Datasheet(PDF) 4 Page - Analog Devices

Part # ADF4401A
Description  Translation Loop, PLL, VCO Module
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4401A Datasheet(HTML) 4 Page - Analog Devices

  ADF4401A Datasheet HTML 1Page - Analog Devices ADF4401A Datasheet HTML 2Page - Analog Devices ADF4401A Datasheet HTML 3Page - Analog Devices ADF4401A Datasheet HTML 4Page - Analog Devices ADF4401A Datasheet HTML 5Page - Analog Devices ADF4401A Datasheet HTML 6Page - Analog Devices ADF4401A Datasheet HTML 7Page - Analog Devices ADF4401A Datasheet HTML 8Page - Analog Devices ADF4401A Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
ADF4401A
Data Sheet
Rev. 0 | Page 4 of 39
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
LOGIC OUTPUTS
Output High Voltage (VOH)
AVDD − 0.4
V
3.3 V output selected
1.5
1.875
V
1.8 V output selected
Output High Current (IOH)
500
µA
Output Low Voltage (VOL)
0.4
V
Output low current (IOL) = 500 µA
POWER SUPPLIES
AVDD (Except VCO, Mixer, and Amplifier)
3.15
3.3
3.45
V
VCC_PLL, VCC_CAL, VRF_OUT, VRF_INT, VCC_DIV,
VCC_NDIV, and VCC_REG are grouped as AVDD and
are at the same voltage
VCC_MIX
3.15
3.3
3.45
V
Must be equal to AVDD
VCC_VCO
4.75
5
5.25
V
VCC_RF
4.75
5
5.25
V
Voltages must equal VCC_VCO
VCC_IF1
4.75
5
5.25
V
VCC_IF2
4.75
5
5.25
V
Calibration PLL Supply Current (IPLL)
VCC_CAL, VCC_NDIV, VCC_PLL, and VCC_REG
88
mA
Calibration mode
26
mA
Translation loop mode
Output Divider Supply Current (ICC_DIV)
63
mA
RF output disabled, internal RF enabled
Divider = 1
75
mA
RF output and internal RF enabled
Divider = 2
89
mA
Divider = 4
103
mA
Divider = 8
112
mA
Divider = 16
117
mA
Divider = 32
121
mA
Divider = 64
124
mA
RF Output Supply Current (IRF_OUT)
4
mA
RF output disabled
17
mA
RF_OUT_POWER = −4 dBm
31
mA
RF_OUT_POWER = −1 dBm
44
mA
RF_OUT_POWER = 2 dBm
57
mA
RF_OUT_POWER = 5 dBm
Internal RF Supply Current (IRF_INT)
<1
µA
Internal RF disabled
14
mA
POUT_AUX = low power for 0
28
mA
POUT_AUX = high power for 1
VCO Supply Current (ICC_VCO)
140
200
mA
RF Amplifier Current (ICC_RF)
76
90
mA
ICC_IF1 Amplifier Current
76
90
mA
ICC_IF2 Amplifier Current
76
90
mA
Mixer Supply Current (ICC_MIX)
LO Doubler Disabled
120
140
mA
LO Doubler Enabled
136
160
mA
3.3 V Total Current
386
473
mA
RF output enabled, RF output Setting 3, RF
divider Setting 1, internal RF Setting 1, calibration
PLL enabled, mixer LO doubler enabled
308
mA
RF output enabled, RF output Setting 3, RF
divider Setting 1, internal RF Setting 1, calibration
PLL disabled, mixer LO doubler disabled
5 V Total Current
368
470
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com