Electronic Components Datasheet Search
  English  ▼

X  

ADF4401A Datasheet(PDF) 23 Page - Analog Devices

Part # ADF4401A
Description  Translation Loop, PLL, VCO Module
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4401A Datasheet(HTML) 23 Page - Analog Devices

Back Button ADF4401A Datasheet HTML 19Page - Analog Devices ADF4401A Datasheet HTML 20Page - Analog Devices ADF4401A Datasheet HTML 21Page - Analog Devices ADF4401A Datasheet HTML 22Page - Analog Devices ADF4401A Datasheet HTML 23Page - Analog Devices ADF4401A Datasheet HTML 24Page - Analog Devices ADF4401A Datasheet HTML 25Page - Analog Devices ADF4401A Datasheet HTML 26Page - Analog Devices ADF4401A Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 39 page
background image
Data Sheet
ADF4401A
Rev. 0 | Page 23 of 39
REGISTER DETAILS
Address: 0x00, Default: 0x18, Name: REG0000
Copy of Bit-0.
Soft Res et.
Copy of Bit-1.
Reads LSB firs t when Active.
Copy of Bit-2.
Set Addres s in As cending Order (Default
is As cending).
Copy of Bit-3.
Choos e Between 3-Pin or 4-Pin Operation.
0
0
1
0
2
0
3
1
4
1
5
0
6
0
7
0
[7] SOFT_RESET_R (R/W)
[0] SOFT_RESET (R/W)
[6] LSB_FIRST_R (R/W)
[1] LSB_FIRST (R/W)
[5] ADDRESS_ASCENSION_R (R/W)
[2] ADDRESS_ASCENSION (R/W)
[4] SDO_ACTIVE_R (R/W)
[3] SDO_ACTIVE (R/W)
Table 9. Bit Descriptions for REG0000
Bit(s)
Bit Name
Description
Default
Access
7
SOFT_RESET_R
Copy of Bit 0.
0x0
R/W
6
LSB_FIRST_R
Copy of Bit 1.
0x0
R/W
5
ADDRESS_ASCENSION_R
Copy of Bit 2.
0x0
R/W
4
SDO_ACTIVE_R
Copy of Bit 3.
0x1
R/W
3
SDO_ACTIVE
Choose between 3-pin or 4-pin operation.
0x1
R/W
0: 3-pin.
1: 4-pin. Enables the SDIO pin and the SDIO pin becomes an input only.
2
ADDRESS_ASCENSION
Set Address in Ascending Order (Default Is Ascending).
0x0
R/W
0: descending.
1: ascending.
1
LSB_FIRST
Reads LSB First when Active.
0x0
R/W
0
SOFT_RESET
Soft Reset.
0x0
R/W
0: normal operation.
1: soft reset.
Address: 0x01, Default: 0x00, Name: REG0001
Single Ins truction.
Stalling.
Mas ter Readback Control.
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7] SINGLE_INSTRUCTION (R/W)
[4:0] RESERVED
[6] STALLING (R/W)
[5] MASTER_READBACK_CONTROL (R/W)
Table 10. Bit Descriptions for REG0001
Bit(s)
Bit Name
Description
Default
Access
7
SINGLE_INSTRUCTION
Single Instruction. SPI stream mode is disabled if the SINGLE_INSTRUCTION
bit is set to 1.
0x0
R/W
6
STALLING
Stalling.
0x0
R/W
5
MASTER_READBACK_CONTROL
Master Readback Control.
0x0
R/W
[4:0]
RESERVED
Reserved.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com