Electronic Components Datasheet Search
  English  ▼

X  

ADF4401A Datasheet(PDF) 3 Page - Analog Devices

Part # ADF4401A
Description  Translation Loop, PLL, VCO Module
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4401A Datasheet(HTML) 3 Page - Analog Devices

  ADF4401A Datasheet HTML 1Page - Analog Devices ADF4401A Datasheet HTML 2Page - Analog Devices ADF4401A Datasheet HTML 3Page - Analog Devices ADF4401A Datasheet HTML 4Page - Analog Devices ADF4401A Datasheet HTML 5Page - Analog Devices ADF4401A Datasheet HTML 6Page - Analog Devices ADF4401A Datasheet HTML 7Page - Analog Devices ADF4401A Datasheet HTML 8Page - Analog Devices ADF4401A Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
Data Sheet
ADF4401A
Rev. 0 | Page 3 of 39
SPECIFICATIONS
Supply voltage (AVDD) = VCC_PLL = VCC_CAL = VRF_INT = VRF_OUT = VCC_DIV = VCC_NDIV = VCC_REG = VCC_MIX = 3.3 V ±
5%, VCC_VCO = VCC_RF = VCC_IF1 = VCC_IF2 = 5 V ± 5%, GND = 0 V, dBm referred to 50 Ω, and TA = −25°C to +85°C, unless
otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
RF OUTPUT CHARACTERISTICS
RF Output Frequency
62.5
8000
MHz
RF Output Power (RF_OUT_POWER = 11)
8
dBm
RF8N = 1 GHz, 3.3 nH inductor to VRF_OUT,
single-ended
1
dBm
RF8N = 8 GHz, 3.3 nH inductor to VRF_OUT,
single-ended
RF Output Power Variation
±1
dB
RF8P or RF8N = 5 GHz
RF Output Power Variation (over
Frequency)
±4
dB
RF8P or RF8N = 1 GHz to 8 GHz
Harmonic Content (RF8P and RF8N)
Second Harmonic
−25
dBc
Fundamental VCO output
−25
dBc
Divided VCO output
Third Harmonic
−12
dBc
Fundamental VCO output
−15
dBc
Divided VCO output
LO_IN to RF Output
90
dBc
Spurious-Free Dynamic Range
90
dBc
Within 100 MHz offset of carrier
−90
dBc
>100 MHz offset of carrier, RF output (RFOUT) > 1 GHz
EXTERNAL LO
LO_IN Frequency (Doubler Disabled)
3.0
9.0
GHz
LO_IN Frequency (Doubler Enabled)
1.5
4.5
GHz
External LO Power (LO_IN)
−3
0
+3
dBm
External LO Port Return Loss
8
dB
VCO Frequency Feedthrough
−23
dBm
Measured at LO_IN
Other Spurious Feedthrough
−40
dBm
Measured at LO_IN
Input Power for 1 dB Output
Compression (P1dB)
6
dBm
INTERMEDIATE FREQUENCY (IF) OUTPUT
IF Output Frequency (fIF)
50
1000
MHz
IF Output Power
17
dBm
6 GHz RF output, internal RF setting = 1, LO
power = 0 dBm, LO_IN = 6.6 GHz, fIF = 600 MHz
12
dBm
Internal RF setting = 0, LO power = 0 dBm, LO_IN
= 6.6 GHz, fIF = 600 MHz
LO_IN to IFOUT Isolation
−82
dBc
Internal RF setting = 0, LO_IN = 0 dBm,
Other Spurious Signals on IFOUT
−20
dBc
Main contributor is IFOUT harmonics
IF Output Return Loss
−9
dB
Mismatch for Compliant Operation
−10
dB
≤900 MHz
−2
dB
>900 MHz
LOGIC INPUTS
CS, SDIO, SCLK, X2_EN, and CE are 3 V logic
Input High Voltage (VINH)
1.5
V
Input Low Voltage (VINL)
0.4
V
Input High Current (IINH) and Input Low
Current (IINL)
±1
µA
CS, SDIO, SCLK, and CE
±100
µA
X2_EN
Input Capacitance (CIN)
3.0
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com