Electronic Components Datasheet Search
  English  ▼

X  

ADF4401A Datasheet(PDF) 18 Page - Analog Devices

Part # ADF4401A
Description  Translation Loop, PLL, VCO Module
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4401A Datasheet(HTML) 18 Page - Analog Devices

Back Button ADF4401A Datasheet HTML 14Page - Analog Devices ADF4401A Datasheet HTML 15Page - Analog Devices ADF4401A Datasheet HTML 16Page - Analog Devices ADF4401A Datasheet HTML 17Page - Analog Devices ADF4401A Datasheet HTML 18Page - Analog Devices ADF4401A Datasheet HTML 19Page - Analog Devices ADF4401A Datasheet HTML 20Page - Analog Devices ADF4401A Datasheet HTML 21Page - Analog Devices ADF4401A Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 39 page
background image
ADF4401A
Data Sheet
Rev. 0 | Page 18 of 39
APPLICATIONS INFORMATION
DEVICE SETUP
The recommended sequence of steps to set up the ADF4401A
are as follows:
1. Set up the SPI.
2. Perform the initialization sequence.
3. Perform the frequency update sequence for the internal PLL.
4. Change the mode from internal PLL to external PFD.
5. Perform the frequency update sequence for the translation
loop.
Step 1: Set Up the SPI
Initialize the SPI. Write the values in Table 7 to the REG0000
register and REG0001 register.
Table 7. SPI Setup
Address
Setting
Notes
0x00
0x18
4-wire SPI
0x01
0x00
Stalling, master readback control
Step 2: Initialization Sequence
Write to each register in reverse order from Address 0x7C to
Address 0x10. Select the appropriate values to generate the
desired frequency. The frequency update sequence follows to
generate the desired output frequency.
Step 3: Frequency Update Sequence (Internal PLL)
Frequency updates require updating MOD2, FRAC1, FRAC2,
and INT. Therefore, the update sequence must be as follows:
1. REG001A (new MOD2WORD[13:8])
2. REG0019 (new MOD2WORD[7:0])
3. REG0018 (new FRAC2WORD[13:7])
4. REG0017 (new FRAC2WORD[6:0])
5. REG0016 (new FRAC1WORD[23:16])
6. REG0015 (new FRAC1WORD[15:8])
7. REG0014 (new FRAC1WORD[7:0])
8. REG0011 (new BIT_INTEGER_WORD[15:8])
9. REG0010 (new BIT_INTEGER_WORD[7:0])
The frequency change occurs on the write to the REG0010
register.
The unchanged registers do not need to be updated. For example,
for an integer N PLL configuration (fractional parts are not
used), skip Step 1 to Step 7. In this case, the only required
updates are the REG0011 register and REG0010 register.
Step 4: External PFD Operation
The VTUNE input is switched to the external PFD and the
VCO locks using the translation loop module.
To improve performance, it is recommended to power off the
internal PLL synthesizer by setting REG001E, Bit 2 = 1.
Alternatively, if the switching speed between frequencies is to
be minimized, leave the internal PLL powered up and take the
following steps:
1. Place the internal PLL charge pump in tristate. REG003E,
Bits[3:2] = 0.
2. Disable the fractional-N Σ-Δ engine, REG002B, Bit 0 = 1.
3. Set the R divider to 0. REG001F, Bits[4:0] = 0.
4. Set the N divider to the maximum value, 65535. REG0010,
Bits[7:0] = 255 and REG0011, Bits[7:0] = 255.
Step 5: Frequency Update Sequence (Translation Loop)
Change the external PFD frequency and external LO frequency,
if required. Frequency updates require reenabling the internal
PFD, switching VTUNE to use the internal PFD, and locking
the VCO with the new frequency. Then, the VTUNE input is
switched to the external PFD, and the VCO locks to the new
frequency using the translation loop module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com