Electronic Components Datasheet Search
  English  ▼

X  

ADF4401A Datasheet(PDF) 39 Page - Analog Devices

Part # ADF4401A
Description  Translation Loop, PLL, VCO Module
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4401A Datasheet(HTML) 39 Page - Analog Devices

Back Button ADF4401A Datasheet HTML 31Page - Analog Devices ADF4401A Datasheet HTML 32Page - Analog Devices ADF4401A Datasheet HTML 33Page - Analog Devices ADF4401A Datasheet HTML 34Page - Analog Devices ADF4401A Datasheet HTML 35Page - Analog Devices ADF4401A Datasheet HTML 36Page - Analog Devices ADF4401A Datasheet HTML 37Page - Analog Devices ADF4401A Datasheet HTML 38Page - Analog Devices ADF4401A Datasheet HTML 39Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 39 / 39 page
background image
Data Sheet
ADF4401A
Rev. 0 | Page 39 of 39
OUTLINE DIMENSIONS
BOTTOM VIEW
TOP VIEW
SIDE VIEW
2.258
2.108
1.958
17.60 REF
SQ
18.15
18.00 SQ
17.85
PIN 1
INDICAT
OR
AREA
SEATING
PLANE
1.75 REF
0.398
0.358
0.318
0.80
BSC
3.15
BSC
0.10
REF
1.225
REF
15.20 REF
SQ
12.60 REF
SQ
0.40
0.35
0.30
2.55
2.50
2.45
0.55
0.50
0.45
1
20
21
40
41
60
61
80
PIN 1
INDICATOR
C 0.60 × 0.45°
FOR PROPER CONNECTION OF
THE EXPOSED PADS, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
Ø 0.15
(VENT HOLE)
Ø 0.15
(VENT HOLE)
Figure 35. 80-Terminal Chip Array Small Outline No Lead Cavity [LGA_CAV]
18.00 mm × 18.00 mm Body and 2.108 mm Package Height
(CE-80-1)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
ADF4401ABCEZ
−25°C to +85°C
80-Terminal Chip Array Small Outline No Lead Cavity [LGA_CAV]
CE-80-1
EV-ADF4401ASD2Z
Evaluation Board
1
Z = RoHS Compliant Part.
©2020 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D25577-12/20(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com