Electronic Components Datasheet Search
  English  ▼

X  

ADF4401A Datasheet(PDF) 1 Page - Analog Devices

Part # ADF4401A
Description  Translation Loop, PLL, VCO Module
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4401A Datasheet(HTML) 1 Page - Analog Devices

  ADF4401A Datasheet HTML 1Page - Analog Devices ADF4401A Datasheet HTML 2Page - Analog Devices ADF4401A Datasheet HTML 3Page - Analog Devices ADF4401A Datasheet HTML 4Page - Analog Devices ADF4401A Datasheet HTML 5Page - Analog Devices ADF4401A Datasheet HTML 6Page - Analog Devices ADF4401A Datasheet HTML 7Page - Analog Devices ADF4401A Datasheet HTML 8Page - Analog Devices ADF4401A Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
Translation Loop, PLL, VCO Module
Data Sheet
ADF4401A
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rights of third parties that may result from its use. Specifications subject to change without notice.
No license is granted by implication or otherwise under any patent or patent rights of Analog
Devices.Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2020 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
RF output frequency range: 62.5 MHz to 8000 MHz
VCO frequency range: 4 GHz to 8 GHz
9 fs rms jitter at 8 GHz output
17 dBm IF output power at 6 GHz RF output
90 dBc LO_IN to RF output
90 dBc spurious-free dynamic range
Low phase noise, voltage controlled oscillator
Programmable divide by 1, 2, 4, 8, 16, 32, or 64 output
3.3 V analog, digital, and mixer power supplies
5 V amplifier and VCO power supply
RF output mute function
18.00 mm × 18.00 mm, 80-terminal LGA_CAV
Supported in the ADIsimPLL design tool
APPLICATIONS
Instrumentation and measurement
Automated test equipment
Aerospace and defense
FUNCTIONAL BLOCK DIAGRAM
VTUNE
MIXER
LO
LO_IN
LPF
RF
IF
IFOUT
HPF
RF8P, RF8N
ADF4401A
REFP, REFN
VCO
CALIBRATION
LPF
AMP
AMP
CPOUT
÷1, 2, 4, 8,
16, 32, 64
Figure 1.
GENERAL DESCRIPTION
The ADF4401A is a fully integrated, system in package (SiP)
translation loop (also known as an offset loop) module that
includes a voltage controlled oscillator (VCO) and calibration
phase-locked loop (PLL) circuit. Designed for highly jitter
sensitive applications, this solution reduces board space and
complexity compared to traditional discrete translation loop
solutions designed on a printed circuit board (PCB). The time
to market is significantly reduced by taking advantage of this
highly integrated solution with in package circuitry and
enhanced isolation that attenuates spurious components. The
ADF4401A provides a frequency synthesis solution for
engineers designing highly competitive systems.
The ADF4401A requires an external phase detector or phase
frequency detector (PFD) and an external local oscillator (LO)
to form a frequency synthesis solution.
The ADF4401A implements an integrated downconversion
mixing stage in the feedback loop that sets the loop gain to 1
and minimizes the in band phase noise. By combining the
frequency downconversion stage and low noise, integrated,
wideband, VCO technology from Analog Devices, Inc., the
ADF4401A offers a wideband jitter performance of 9 fs rms at
8 GHz output. The output jitter performance is largely
dependent on the performance of the external offset LO.
The ADF4401A module uses an internal PFD and VCO
calibration circuitry to select the appropriate VCO band. The
user can disable the calibration circuitry and close the loop
using the external PFD. All on-chip registers are controlled via
a serial port interface (SPI).


Similar Part No. - ADF4401A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4001 AD-ADF4001 Datasheet
190Kb / 16P
200 MHz Clock Generator PLL
REV.0
ADF4001BCP AD-ADF4001BCP Datasheet
190Kb / 16P
200 MHz Clock Generator PLL
REV.0
ADF4001BCP AD-ADF4001BCP Datasheet
929Kb / 28P
50 MHz to 1000 MHz Quadrature Demodulator
REV. A
ADF4001BCPZ AD-ADF4001BCPZ Datasheet
860Kb / 17P
200 MHz Clock Generator PLL
REV. B
ADF4001BCPZ AD-ADF4001BCPZ Datasheet
860Kb / 17P
200 MHz Clock Generator PLL
REV. B
More results

Similar Description - ADF4401A

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1192 NTE-NTE1192 Datasheet
21Kb / 2P
Integrated Circuit VCO for Phase Lock Loop(PLL)
logo
NXP Semiconductors
74HC4046A PHILIPS-74HC4046A Datasheet
467Kb / 34P
Phase-locked-loop with VCO
1997 Nov 25
74HCT9046A PHILIPS-74HCT9046A Datasheet
240Kb / 40P
PLL with bandgap controlled VCO
1999 Jan 11
logo
Integrated Circuit Syst...
M2040 ICST-M2040 Datasheet
192Kb / 12P
FREQUENCY TRANSLATION PLL WITH AUTOSWITCH
Rev 1.0
logo
Unisonic Technologies
U74HC4046A UTC-U74HC4046A Datasheet
558Kb / 19P
PHASE LOCKED LOOP WITH VCO
U74HC4046A UTC-U74HC4046A_15 Datasheet
558Kb / 19P
PHASE LOCKED LOOP WITH VCO
logo
Cypress Semiconductor
CY241V8A-11 CYPRESS-CY241V8A-11 Datasheet
481Kb / 9P
Integrated phase locked loop (PLL)
logo
Unisonic Technologies
U74HC4046A UTC-U74HC4046A_18 Datasheet
610Kb / 19P
PHASE LOCKED LOOP WITH VCO
logo
Nexperia B.V. All right...
74HC4046A-Q100 NEXPERIA-74HC4046A-Q100 Datasheet
598Kb / 32P
Phase-locked loop with VCO
Rev. 1 - 27 November 2019
74HCT4046A NEXPERIA-74HCT4046A Datasheet
671Kb / 36P
Phase-locked loop with VCO
Rev. 4 - 6 August 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com