Electronic Components Datasheet Search
  English  ▼

X  

ADRV9029BBCZ Datasheet(PDF) 26 Page - Analog Devices

Part # ADRV9029BBCZ
Description  Integrated, Quad RF Transceiver with Observation Path
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRV9029BBCZ Datasheet(HTML) 26 Page - Analog Devices

Back Button ADRV9029BBCZ Datasheet HTML 22Page - Analog Devices ADRV9029BBCZ Datasheet HTML 23Page - Analog Devices ADRV9029BBCZ Datasheet HTML 24Page - Analog Devices ADRV9029BBCZ Datasheet HTML 25Page - Analog Devices ADRV9029BBCZ Datasheet HTML 26Page - Analog Devices ADRV9029BBCZ Datasheet HTML 27Page - Analog Devices ADRV9029BBCZ Datasheet HTML 28Page - Analog Devices ADRV9029BBCZ Datasheet HTML 29Page - Analog Devices ADRV9029BBCZ Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 133 page
background image
ADRV9029
Data Sheet
Rev. 0 | Page 26 of 133
–10
–5
0
5
10
15
20
25
30
35
40
45
TRANSMITTER ATTENUATION (dB)
–40°C, Tx1
+25°C, Tx1
+110°C, Tx1
–40°C, Tx2
+25°C, Tx2
+110°C, Tx2
–40°C, Tx3
+25°C, Tx3
+110°C, Tx3
–40°C, Tx4
+25°C, Tx4
+110°C, Tx4
0
4
8
16202428
12
32
Figure 15. Transmitter OIP3, 2f2 − f1 vs. Transmitter Attenuation, 15 dB
Digital Back Off per Tone, f1 = 45.5 MHz, f2 = 50.5 MHz
0
5
10
15
20
25
30
35
40
45
50
f1 BASEBAND OFFSET TONE FREQUENCY (MHz)
–40°C, Tx1
+25°C, Tx1
+110°C, Tx1
–40°C, Tx2
+25°C, Tx2
+110°C, Tx2
–40°C, Tx3
+25°C, Tx3
+110°C, Tx3
–40°C, Tx4
+25°C, Tx4
+110°C, Tx4
15
25
35
45
55
65
Figure 16. Transmitter OIP3, 2f1 − f2 vs. f1 Baseband Offset Tone Frequency,
f2 = f1 + 5 MHz, 15 dB Digital Back Off per Tone
0
5
10
15
20
25
30
35
40
45
50
f1 BASEBAND OFFSET TONE FREQUENCY (MHz)
–40°C, Tx1
+25°C, Tx1
+110°C, Tx1
–40°C, Tx2
+25°C, Tx2
+110°C, Tx2
–40°C, Tx3
+25°C, Tx3
+110°C, Tx3
–40°C, Tx4
+25°C, Tx4
+110°C, Tx4
15
25
35
45
55
65
Figure 17. Transmitter OIP3, 2f2 − f1 vs. f1 Baseband Offset Tone Frequency,
f2 = f1 + 5 MHz, 15 dB Digital Back Off per Tone
60
65
70
75
80
85
90
95
100
TRANSMITTER LO FREQUENCY (MHz)
–40°C, Tx1
+25°C, Tx1
+110°C, Tx1
–40°C, Tx2
+25°C, Tx2
+110°C, Tx2
–40°C, Tx3
+25°C, Tx3
+110°C, Tx3
–40°C, Tx4
+25°C, Tx4
+110°C, Tx4
50
60
70
80
100
90
Figure 18. Transmitter LO Leakage vs. Transmitter LO Frequency
50
60
70
80
90
100
110
120
TRANSMITTER LO FREQUENCY (MHz)
Tx1 TO Tx2
Tx1 TO Tx3
Tx1 TO Tx4
Tx2 TO Tx1
Tx2 TO Tx3
Tx2 TO Tx4
Tx3 TO Tx1
Tx3 TO Tx2
Tx3 TO Tx4
Tx4 TO Tx1
Tx4 TO Tx2
Tx4 TO Tx3
75
175
275
375
475
675
575
Figure 19. Transmitter to Transmitter Isolation vs. Transmitter LO Frequency
50
60
70
80
90
100
110
120
130
RECEIVER LO FREQUENCY (MHz)
Tx1 TO Rx1
Tx1 TO Rx2
Tx1 TO Rx3
Tx1 TO Rx4
Tx2 TO Rx1
Tx2 TO Rx2
Tx2 TO Rx3
Tx2 TO Rx4
Tx3 TO Rx1
Tx3 TO Rx2
Tx3 TO Rx3
Tx3 TO Rx4
Tx4 TO Rx1
Tx4 TO Rx2
Tx4 TO Rx3
Tx4 TO Rx4
75
175
275
375
475
675
575
Figure 20. Transmitter to Receiver Isolation vs. Receiver LO Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com