Electronic Components Datasheet Search
  English  ▼

X  

ADRV9029BBCZ Datasheet(PDF) 52 Page - Analog Devices

Part # ADRV9029BBCZ
Description  Integrated, Quad RF Transceiver with Observation Path
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRV9029BBCZ Datasheet(HTML) 52 Page - Analog Devices

Back Button ADRV9029BBCZ Datasheet HTML 48Page - Analog Devices ADRV9029BBCZ Datasheet HTML 49Page - Analog Devices ADRV9029BBCZ Datasheet HTML 50Page - Analog Devices ADRV9029BBCZ Datasheet HTML 51Page - Analog Devices ADRV9029BBCZ Datasheet HTML 52Page - Analog Devices ADRV9029BBCZ Datasheet HTML 53Page - Analog Devices ADRV9029BBCZ Datasheet HTML 54Page - Analog Devices ADRV9029BBCZ Datasheet HTML 55Page - Analog Devices ADRV9029BBCZ Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 133 page
background image
ADRV9029
Data Sheet
Rev. 0 | Page 52 of 133
1800 MHz BAND
The temperature settings refer to the die temperature. All LO frequencies set to 1800 MHz, unless otherwise noted.
10
0
1500
2000
TRANSMITTER LO FREQUENCY (MHz)
1
2
3
4
5
6
7
8
9
1600
1700
1800
1900
+110°C
+25°C
–40°C
Figure 163. Transmitter Continuous Wave (CW) Output Power vs.
Transmitter LO Frequency, 10 MHz Offset, 0 dB Attenuation
0
–100
1300
2300
FREQUENCY (MHz)
–90
–80
–70
–60
–50
–40
–30
–20
–10
1400 1500 1600 1700 1800 1900 2000 2100 2200
SIGNAL
NOISE FLOOR
Figure 164. Transmitter Output Power Spectrum, TX1, 5 MHz LTE,
10 MHz Offset, −10 dBFS RMS, 1 MHz Resolution Bandwidth, TJ = 25°C
–40
–100
–100
100
BASEBAND OFFSET FREQUENCY (MHz)
–90
–80
–70
–60
–50
–80
–60
–40
–20
0
20
40
60
80
–40°C, Tx1
–40°C, Tx2
–40°C, Tx3
–40°C, Tx4
+25°C, Tx1
+25°C, Tx2
+25°C, Tx3
+25°C, Tx4
+110°C, Tx1
+110°C, Tx2
+110°C, Tx3
+110°C, Tx4
Figure 165. Transmitter Image Rejection Across Large Signal Bandwidth vs.
Baseband Offset Frequency
–100
–180
020
TRANSMITTER ATTENUATION (dB)
–170
–160
–150
–140
–130
–120
–110
510
15
–40°C, Tx1
–40°C, Tx2
–40°C, Tx3
–40°C, Tx4
+25°C, Tx1
+25°C, Tx2
+25°C, Tx3
+25°C, Tx4
+110°C, Tx1
+110°C, Tx2
+110°C, Tx3
+110°C, Tx4
Figure 166. Transmitter Noise vs. Transmitter Attenuation, 10 MHz Offset
1.0
–0.4
–225
225
BASEBAND OFFSET FREQUENCY (MHz)
–0.2
0
0.2
0.4
0.6
0.8
–175 –125
–75
–25
25
75
125
175
–40°C, Tx1
–40°C, Tx2
–40°C, Tx3
–40°C, Tx4
+25°C, Tx1
+25°C, Tx2
+25°C, Tx3
+25°C, Tx4
+110°C, Tx1
+110°C, Tx2
+110°C, Tx3
+110°C, Tx4
Figure 167. Transmitter Pass Band Flatness vs. Baseband Offset Frequency
–40
–80
020
TRANSMITTER ATTENUATION (dB)
–75
–70
–65
–60
–55
–50
–45
510
15
–40°C, Tx1
–40°C, Tx2
–40°C, Tx3
–40°C, Tx4
+25°C, Tx1
+25°C, Tx2
+25°C, Tx3
+25°C, Tx4
+110°C, Tx1
+110°C, Tx2
+110°C, Tx3
+110°C, Tx4
Figure 168. Adjacent Channel Power Level vs. Transmitter Attenuation,
−10 MHz Baseband Offset, 20 MHz LTE, PAR = 12 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com