Electronic Components Datasheet Search
  English  ▼

X  

ADRV9029BBCZ Datasheet(PDF) 17 Page - Analog Devices

Part # ADRV9029BBCZ
Description  Integrated, Quad RF Transceiver with Observation Path
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRV9029BBCZ Datasheet(HTML) 17 Page - Analog Devices

Back Button ADRV9029BBCZ Datasheet HTML 13Page - Analog Devices ADRV9029BBCZ Datasheet HTML 14Page - Analog Devices ADRV9029BBCZ Datasheet HTML 15Page - Analog Devices ADRV9029BBCZ Datasheet HTML 16Page - Analog Devices ADRV9029BBCZ Datasheet HTML 17Page - Analog Devices ADRV9029BBCZ Datasheet HTML 18Page - Analog Devices ADRV9029BBCZ Datasheet HTML 19Page - Analog Devices ADRV9029BBCZ Datasheet HTML 20Page - Analog Devices ADRV9029BBCZ Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 133 page
background image
Data Sheet
ADRV9029
Rev. 0 | Page 17 of 133
DIGITAL INTERFACE AND TIMING SPECIFICATIONS
Table 8.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
SERIAL PERIPHERAL INTERFACE (SPI) TIMING
SPI_CLK Period
tCP
40
ns
SPI_CLK Pulse Width
tMP
10
ns
SPI_EN Setup to First SPI_CLK Rising Edge
tSC
4
ns
Last SPI_CLK Falling Edge to SPI_EN Hold
tHC
0
ns
SPI_DIO Data Input Setup to SPI_CLK
tS
4
ns
SPI_DIO Data Input Hold to SPI_CLK
tH
0
ns
SPI_CLK Falling Edge to Output Data Delay
tCO
10
8
ns
3- or 4-wire mode
Bus Turnaround Time After Baseband Processor Drives
Last Address Bit
tHZM
tH
tCO
ns
Bus Turnaround Time After ADRV9029 Drives Last
Address Bit
tHZS
0
tCO
ns
DIGITAL TIMING
TXx_EN Pulse Width
10
μs
RXx_EN Pulse Width
10
μs
ORX_CTRL_x Pulse Width
10
μs
TXx_EN to Valid Data
2
μs
RXx_EN to Valid Data
2
μs
ORX_CTRL_x to Valid Data
3
μs
JESD204B/JESD204C DATA OUTPUT TIMING
Unit Interval
UI
41.1
333
ps
Data Rate per Channel (No Return to Zero (NRZ))
3000
24330.24
Mbps
Rise Time
tR
17
20
ps
20% to 80% in 100 Ω load
Fall Time
tF
17
20
ps
20% to 80% in 100 Ω load
Output Common-Mode Voltage
VCM
0
1.8
V
AC-coupled
Differential Output Voltage
VDIFF
475
1050
mV p-p
Short-Circuit Current
IDSHORT
−100
+100
mA
Differential Termination Impedance
ZRDIFF
80
100
120
Ω
SYSREF± Input Signal Setup Time to DEV_CLK± Input
Signal
tS
200
ps
SYSREF± Input Signal Hold Time to DEV_CLK± Input
Signal
tH
200
ps
JESD204B/C DATA INPUT TIMING
Unit Interval
UI
41.1
333
ps
Data Rate per Channel (NRZ)
3000
24330.24
Mbps
Input Common-Mode Voltage
VCM
0.05
1.65
V
AC-coupled
Termination Voltage = 1.0 V
VTT
720
1200
mV
DC-coupled (not
recommended)
Differential Input Voltage
VDIFF
110
1050
mV
VTT Source Impedance
ZTT
7.5
30
Ω
Differential Termination Impedance
ZRDIFF
80
100
120
Ω
VTT
AC-Coupled
0.95
1.05
V
DC-Coupled
0.95
1.05
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com