Electronic Components Datasheet Search
  English  ▼

X  

ADRV9029BBCZ Datasheet(PDF) 25 Page - Analog Devices

Part # ADRV9029BBCZ
Description  Integrated, Quad RF Transceiver with Observation Path
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRV9029BBCZ Datasheet(HTML) 25 Page - Analog Devices

Back Button ADRV9029BBCZ Datasheet HTML 21Page - Analog Devices ADRV9029BBCZ Datasheet HTML 22Page - Analog Devices ADRV9029BBCZ Datasheet HTML 23Page - Analog Devices ADRV9029BBCZ Datasheet HTML 24Page - Analog Devices ADRV9029BBCZ Datasheet HTML 25Page - Analog Devices ADRV9029BBCZ Datasheet HTML 26Page - Analog Devices ADRV9029BBCZ Datasheet HTML 27Page - Analog Devices ADRV9029BBCZ Datasheet HTML 28Page - Analog Devices ADRV9029BBCZ Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 133 page
background image
Data Sheet
ADRV9029
Rev. 0 | Page 25 of 133
–80
–75
–70
–65
–60
–55
–50
–45
–40
TRANSMITTER ATTENUATION (dB)
–40°C
+25°C
+110°C
0
5
10
15
20
Figure 9. Adjacent Channel Power Level vs. Transmitter Attenuation,
44 MHz Baseband Offset, 5 MHz LTE, PAR = 12 dB
TRANSMITTER ATTENUATOR SETTING (dB)
–40°C, LOWER HD2
+25°C, LOWER HD2
+110°C, LOWER HD2
–40°C, UPPER HD2
+25°C, UPPER HD2
+110°C, UPPER HD2
02468
12
14
16
18
10
20
–60
–70
–80
–90
–100
–110
–120
Figure 10. Transmitter Second-Order Harmonic Distortion (HD2) vs.
Transmitter Attenuation, 10 MHz Offset
–120
–110
–100
–90
–80
–70
–60
TRANSMITTER ATTENUATOR SETTING (dB)
–40°C, LOWER HD3
+25°C, LOWER HD3
+110°C, LOWER HD3
–40°C, UPPER HD3
+25°C, UPPER HD3
+110°C, UPPER HD3
02
468
12
14
16
18
10
20
Figure 11. Transmitter Third-Order Harmonic Distortion (HD3) vs.
Transmitter Attenuation, 10 MHz Offset
–0.05
–0.04
–0.03
–0.02
–0.01
0
0.01
0.02
0.03
0.04
0.05
TRANSMITTER ATTENUATION (dB)
–40°C
+25°C
+110°C
0
4
8
16202428
12
32
Figure 12. Transmitter Attenuator Step Error vs. Transmitter Attenuation,
10 MHz Offset
–53
–52
–51
–50
–49
–48
–47
–46
–45
TRANSMITTER ATTENUATOR SETTING (dB)
–40°C, Tx1
+25°C, Tx1
+110°C, Tx1
–40°C, Tx2
+25°C, Tx2
+110°C, Tx2
–40°C, Tx3
+25°C, Tx3
+110°C, Tx3
–40°C, Tx4
+25°C, Tx4
+110°C, Tx4
024
68
12
14
16
18
10
20
Figure 13. Transmitter Error Vector Magnitude vs. Transmitter Attenuation, 5
MHz LTE Signal Centered at LO Frequency, Sample Rate = 153.6 MSPS, Loop
Filter Bandwidth = 50 kHz, Loop Filter Phase Margin = 40°
TRANSMITTER ATTENUATION (dB)
–40°C, Tx1
+25°C, Tx1
+110°C, Tx1
–40°C, Tx2
+25°C, Tx2
+110°C, Tx2
–40°C, Tx3
+25°C, Tx3
+110°C, Tx3
–40°C, Tx4
+25°C, Tx4
+110°C, Tx4
0
4
8
16
20
24
28
12
32
–10
–5
45
40
35
30
15
10
5
0
25
20
Figure 14. Transmitter OIP3, 2f1 − f2 vs. Transmitter Attenuation, 15 dB
Digital Back Off per Tone, f1 = 45.5 MHz, f2 = 50.5 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com