Electronic Components Datasheet Search
  English  ▼

X  

ADRV9029BBCZ Datasheet(PDF) 21 Page - Analog Devices

Part # ADRV9029BBCZ
Description  Integrated, Quad RF Transceiver with Observation Path
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRV9029BBCZ Datasheet(HTML) 21 Page - Analog Devices

Back Button ADRV9029BBCZ Datasheet HTML 17Page - Analog Devices ADRV9029BBCZ Datasheet HTML 18Page - Analog Devices ADRV9029BBCZ Datasheet HTML 19Page - Analog Devices ADRV9029BBCZ Datasheet HTML 20Page - Analog Devices ADRV9029BBCZ Datasheet HTML 21Page - Analog Devices ADRV9029BBCZ Datasheet HTML 22Page - Analog Devices ADRV9029BBCZ Datasheet HTML 23Page - Analog Devices ADRV9029BBCZ Datasheet HTML 24Page - Analog Devices ADRV9029BBCZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 133 page
background image
Data Sheet
ADRV9029
Rev. 0 | Page 21 of 133
Pin No.
Mnemonic
Type1
Description
H11, K11, N11, E10, F10, G10, H10, J10, K10, E9, F9, E8, F8,
G8, H8, J8, K8, H7, K7
GPIO_0 to GPIO_18
I/O
General-Purpose Digital Inputs and Outputs.
See Figure 2 to match the ball location to the
GPIO_x signal name. If unused, these pins can
be connected to VSSA with a 10 kΩ resistor or
configured as outputs, driven low, and left
disconnected.
E11
TX2_EN
I
Enable Input for Transmitter Channel 2.
Connect to VSSA if unused.
E13, E14
ORX1+, ORX1−
I
Differential Input for Observation Receiver
Channel 1. Connect to VSSA if unused.
E16, F16
EXT_LO1+,
EXT_LO1−
I/O
Differential External LO Input/Output 1. If used
for the external LO input, the input frequency
must be 2× the desired carrier frequency. Do
not connect if unused. External LO functionality
not currently supported.
E17
AUXADC_1
I
Auxiliary ADC 1 Input. Do not connect if
unused.
F1
AUXADC_2
I
Auxiliary ADC 2 Input. Do not connect if
unused.
F7, F11, L7, L11
ORX_CTRL_C,
ORX_CTRL_B,
ORX_CTRL_D,
ORX_CTRL_A
I
Determine Active Observation Receiver Path.
Connect to VSSA directly or with a pull-down
resistor if unused.
F17
AUXADC_0
I
Auxiliary ADC 0 Input. Do not connect if
unused.
G3
VRFVCO2_1P3
I
1.3 V Supply Input.
G5
VRFVCO2_1P0
O
1.0 V Internal Supply Node. Bypass this pin with
a 4.7 μF capacitor.
G7
RX3_EN
I
Enable Input for Receiver Channel 3. Connect
to VSSA if unused.
G9, J9, L9
VDIG_1P0
I
1.0 V Digital Supply Input.
G11
RX2_EN
I
Enable Input for Receiver Channel 2. Connect
to VSSA if unused.
G13
VRFVCO1_1P0
O
1.0 V Internal Supply Node. Bypass this pin with
a 4.7 μF capacitor.
G15
VRFVCO1_1P3
I
1.3 V Supply Input.
H1, J1
RX4−, RX4+
I
Differential Input for Receiver Channel 4. If
unused, connect to VSSA.
H3
VCONV2_1P8
I
1.8 V Supply Input.
H9, K9, M9
VSSD
I
Digital Ground.
H15
VCONV1_1P8
I
1.8 V Supply Input.
H17, J17
RX1+, RX1−
I
Differential Input for Receiver Channel 1. If
unused, connect to VSSA.
J3
VCONV2_1P3
I
1.3 V Supply Input.
J5
VRFSYN2_1P3
I
1.3 V Supply Input.
J7
RX4_EN
I
Enable Input for Receiver Channel 4. If unused,
connect to VSSA.
J11
RX1_EN
I
Enable Input for Receiver Channel 1. If unused,
connect to VSSA.
J13
VRFSYN1_1P3
I
1.3 V Supply Input.
J15
VCONV1_1P3
I
1.3 V Supply Input.
K3
VCONV2_1P0
O
1.0 V Internal Supply Node. Bypass this pin with
a 4.7 μF capacitor.
K15
VCONV1_1P0
O
1.0 V Internal Supply Node. Bypass this pin with
a 4.7 μF capacitor.
L4, L5
ORX4+, ORX4−
I
Differential Input for Observation Receiver
Channel 4. If unused, connect to VSSA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com