Electronic Components Datasheet Search
  English  ▼

X  

LT6370 Datasheet(PDF) 4 Page - Analog Devices

Part # LT6370
Description  Precision Instrumentation Amplifier with Level Shift and Output Clamping
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT6370 Datasheet(HTML) 4 Page - Analog Devices

  LT6370 Datasheet HTML 1Page - Analog Devices LT6370 Datasheet HTML 2Page - Analog Devices LT6370 Datasheet HTML 3Page - Analog Devices LT6370 Datasheet HTML 4Page - Analog Devices LT6370 Datasheet HTML 5Page - Analog Devices LT6370 Datasheet HTML 6Page - Analog Devices LT6370 Datasheet HTML 7Page - Analog Devices LT6370 Datasheet HTML 8Page - Analog Devices LT6370 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LT6372-1
4
Rev. 0
For more information www.analog.com
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the specified
temperature range, otherwise specifications are at TA = 25°C. VS = ±15V, VCM = VREF1 = VREF2 = 0V, VCLLO = V–, VCLHI = V+, RL = 2kΩ.
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
CMRR
Common Mode Rejection Ratio
DC to 60Hz, 1k Source Imbalance,
VCM = –12.6V to 13V
G = 1
G = 1
G = 10
G = 10
G = 100
G = 100
G = 1000
G = 1000
l
l
l
l
86
80
106
100
120
115
128
120
100
120
140
150
dB
dB
dB
dB
dB
dB
dB
dB
AC Common Mode Rejection Ratio
f = 20kHz, QFN20 Package
G = 1
G = 10
G = 100
G = 1000
74
98
102
105
dB
dB
dB
dB
f = 20kHz, MS16E Package
G = 1
G = 10
G = 100
G = 1000
69
92
110
110
dB
dB
dB
dB
PSRR
Power Supply Rejection Ratio
VS = ±2.375V to ±17.5V
G = 1
G = 1
G = 10
G = 10
G = 100
G = 100
G = 1000
G = 1000
l
l
l
l
116
110
128
120
122
118
122
118
130
140
140
140
dB
dB
dB
dB
dB
dB
dB
dB
VS
Supply Voltage
Guaranteed by PSRR
l
4.75
35
V
IS
Supply Current
VS = ±15V
TA = –40°C to 85°C
TA = –40°C to 125°C
l
l
2.75
2.85
3
3.1
mA
mA
mA
VS = ±2.375V
TA = –40°C to 85°C
TA = –40°C to 125°C
l
l
2.65
2.7
2.85
2.95
mA
mA
mA
VOUT
Output Voltage Swing
VS = ±15V, RL = 10kΩ
l
–14.5
–14.3 
–14.9/14
13.7
13.6
V
V
VS = ±2.375V, RL = 10kΩ
l
–2
–1.8
–2.3/1.6
1.5
1.3
V
V
IOUT
Output Short Circuit Current
l
35
30
55
mA
mA
BW
–3dB Bandwidth
G = 1
G = 10
G = 100
G = 1000
3.1
1.15
184
19
MHz
MHz
kHz
kHz
SR
Slew Rate
G = 1, VOUT = ±10V
11
V/μs
tS
Settling Time
20V Output Step to 0.0015%
G = 1
G = 10
G = 100
G = 1000
5.8
9.8
16
100
μs
μs
μs
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com