Electronic Components Datasheet Search
  English  ▼

X  

LT6370 Datasheet(PDF) 15 Page - Analog Devices

Part # LT6370
Description  Precision Instrumentation Amplifier with Level Shift and Output Clamping
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT6370 Datasheet(HTML) 15 Page - Analog Devices

Back Button LT6370 Datasheet HTML 11Page - Analog Devices LT6370 Datasheet HTML 12Page - Analog Devices LT6370 Datasheet HTML 13Page - Analog Devices LT6370 Datasheet HTML 14Page - Analog Devices LT6370 Datasheet HTML 15Page - Analog Devices LT6370 Datasheet HTML 16Page - Analog Devices LT6370 Datasheet HTML 17Page - Analog Devices LT6370 Datasheet HTML 18Page - Analog Devices LT6370 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
LT6372-1
15
Rev. 0
For more information www.analog.com
THEORY OF OPERATION
The LT6372-1 is an improved version of the classic three op
amp instrumentation amplifier topology that incorporates
features to improve accuracy and simplify interfacing to
ADCs. Laser trimming and proprietary monolithic construc-
tion allow for tight matching and extremely low drift of
circuit parameters over the specified temperature range.
Refer to the Simplified Block Diagram to aid in understand-
ing the following circuit description. The collector currents
in Q1 and Q2 as well as I1 and I4 are trimmed to minimize
input offset voltage drift, thus assuring a high level of per-
formance. R1 and R2 are trimmed to an absolute value of
12.1k to assure that the gain can be set accurately (0.12%
at G = 100) with only one external resistor, RG. The value of
RG determines the transconductance of the preamp stage.
As RG is reduced to increase the programmed gain, the
transconductance of the input preamp stage also increases
to that of the input transistors Q1 and Q2. This causes the
open-loop gain to increase when the programmed gain is
increased, reducing the input related errors and noise. The
input voltage noise at high gains is determined only by Q1
and Q2. At lower gains the noise of the difference amplifier
and preamp gain setting resistors may increase the noise.
The gain bandwidth product is determined by C1, C2 and
the preamp transconductance, which increases with pro-
grammed gain. Therefore, the bandwidth is self-adjusting
and does not drop directly proportional to gain.
The input transistors Q1 and Q2 offer excellent matching,
drift and noise performance, which is due to using a pro-
prietary high performance process, as well as low input
bias current due to the high beta of these input devices.
The input bias current is further reduced by trimming I3
and I6. The collector currents in Q1 and Q2 are held con-
stant due to the feedback through the Q1-A1-R1 loop and
Q2-A2-R2 loop. The action of the amplifier loops impresses
the differential input voltage across the external gain set
resistor RG. Since the current that flows through RG also
flows through R1 and R2, the ratios provide a gained-up
differential voltage,
G
= 1+
R1
+ R2
RG
to the difference amplifier A3. The difference amplifier
removes the common mode voltage and provides a sin-
gle-ended output voltage referenced to the average of the
voltages on REF1 and REF2. This split reference resistor
configuration allows the output voltage to be easily level
shifted to the center of an ADCs input range without exter-
nal components. The offset voltage of the difference ampli-
fier is trimmed to minimize output offset voltage drift, thus
assuring a high level of performance, even in low gains.
Resistors R5 to R9 are trimmed to maximize CMRR and
minimize gain error. The resulting gain equation is:
G
= 1+
24.2k
RG
Solving for the gain set resistor gives:
RG =
24.2k
G – 1
Table 1showsappropriate1%resistorvaluesforavarietyofgains.
Table 1. LT6372-1 Gain and RG Lookup.
Resulting Gains for Various 1% Standard Resistor Values
Gain
Standard 1% Resistor Value (Ω)
1
–
1.996
24.3k
5.007
6.04k
10.06
2.67k
20.06
1.27k
50.69
487
100.6
243
201
121
497.9
48.7
996.9
24.3
Convenient Integer Gains Using Various Standard 1% Resistor Values
Integer Gain
Standard 1% Resistor Value (Ω)
1
–
3
12.1k
21
1.21k
23
1.1k
122
200
201
121
221
110
243
100
1211 (Note 2)
20
Additionally, The LT6372-1 has two integrated output
voltage clamps which can be used to limit the voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com