Electronic Components Datasheet Search
  English  ▼

X  

LT6370 Datasheet(PDF) 10 Page - Analog Devices

Part # LT6370
Description  Precision Instrumentation Amplifier with Level Shift and Output Clamping
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT6370 Datasheet(HTML) 10 Page - Analog Devices

Back Button LT6370 Datasheet HTML 6Page - Analog Devices LT6370 Datasheet HTML 7Page - Analog Devices LT6370 Datasheet HTML 8Page - Analog Devices LT6370 Datasheet HTML 9Page - Analog Devices LT6370 Datasheet HTML 10Page - Analog Devices LT6370 Datasheet HTML 11Page - Analog Devices LT6370 Datasheet HTML 12Page - Analog Devices LT6370 Datasheet HTML 13Page - Analog Devices LT6370 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
LT6372-1
10
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
+IN BIAS CURRENT
–IN BIAS CURRENT
OFFSET CURRENT
INPUT COMMON–MODE VOLTAGE (V)
–15
–10
–5
0
5
10
15
–1.0
–0.8
–0.6
–0.4
–0.2
0.0
0.2
0.4
0.6
0.8
1.0
6372-1 G38
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
0
10
20
30
40
50
60
6372-1 G43
±15V, SINK
±15V, SOURCE
4.75V, SINK
4.75V, SOURCE
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
–1.0
–0.8
–0.6
–0.4
–0.2
0.0
0.2
0.4
0.6
0.8
1.0
6372-1 G39
+IN BIAS CURRENT
–IN BIAS CURRENT
OFFSET CURRENT
RESISTIVE LOAD (kΩ)
0.1
1
10
100
8
9
10
11
12
13
14
15
6372-1 G41
125°C
85°C
25°C
–40°C
COMMON-MODE INPUT VOLTAGE (V)
–15
–10
–5
0
5
10
15
–800
–600
–400
–200
0
200
400
600
800
6372-1 G37
125°C
85°C
25°C
–40°C
RESISTIVE LOAD (kΩ)
0.1
1
10
100
–15
–14
–13
–12
–11
–10
–9
–8
6372-1 G42
125°C
85°C
25°C
–40°C
REF Pin Current vs Input
Common Mode Voltage
Input Bias Current vs Common
Mode Voltage
Input Bias and Offset Current vs
Temperature
Supply Current vs Supply Voltage
Output Voltage Swing vs Load
Resistance
Output Voltage Swing vs Load
Resistance
Output Short Circuit Current vs
Temperature
Undistorted Output Swing vs
Frequency
G = 1
VS = ±15V
TA = 25°C
THD < –40dB
FREQUENCY (Hz)
100
1k
10k
100k
1M
10M
0
5
10
15
20
25
30
6372-1 G44
SUPPLY VOLTAGE (V)
0
5
10
15
20
25
30
35
40
0
0.5
1.0
1.5
2.0
2.5
3.0
Supply Current vs Supply Voltage
6372-1 G40
125°C
85°C
25°C
–40°C
TA = 25°C, VS = ±15V, VCM = VREF1 = VREF2  = 0V, VCLLO = V–, VCLHI = V+, RL = 2k, unless otherwise noted.
Slew Rate vs Temperature
RISING
FALLING
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
5
6
7
8
9
10
11
12
13
14
15
6372-1 G45
G = 1
VOUT = 20VPP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com