Electronic Components Datasheet Search
  English  ▼

X  

LT6370 Datasheet(PDF) 8 Page - Analog Devices

Part # LT6370
Description  Precision Instrumentation Amplifier with Level Shift and Output Clamping
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT6370 Datasheet(HTML) 8 Page - Analog Devices

Back Button LT6370 Datasheet HTML 4Page - Analog Devices LT6370 Datasheet HTML 5Page - Analog Devices LT6370 Datasheet HTML 6Page - Analog Devices LT6370 Datasheet HTML 7Page - Analog Devices LT6370 Datasheet HTML 8Page - Analog Devices LT6370 Datasheet HTML 9Page - Analog Devices LT6370 Datasheet HTML 10Page - Analog Devices LT6370 Datasheet HTML 11Page - Analog Devices LT6370 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
LT6372-1
8
Rev. 0
For more information www.analog.com
Lead Free Reflow Profile Due to
IR Reflow
Gain Drift (G = 1000)
0
2
4
6
MINUTES
8
0
75
150
225
300
6372-1 G20
10
120s
40s
tP
30s
TP = 260°C
RAMP
DOWN
RAMP TO
150°C
TS = 190°C
T = 150°C
tL
130s
TL = 217°C
TS(MAX) = 200°C
380s
G = 1000
16 Units
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
–2000
–1500
–1000
–500
0
500
1000
1500
2000
2500
3000
Gain Drift (G = 1000)
6372-1 G19
TYPICAL PERFORMANCE CHARACTERISTICS
Gain Nonlinearity (G = 1)
Gain Nonlinearity (G = 10)
Gain Nonlinearity (G = 100)
Gain Nonlinearity (G = 1000)
CMRR vs Frequency, RTI
QFN Package
CMRR vs Frequency, RTI
MS16E Package
Positive Power Supply Rejection
Ratio vs Frequency, RTI
TA = 25°C, VS = ±15V, VCM = VREF1 = VREF2  = 0V, VCLLO = V–, VCLHI = V+, RL = 2k, unless otherwise noted.
VOUT = ±10V
OUTPUT VOLTAGE (2V/DIV)
6372-1 G21
RL = 600Ω
RL = 2k
RL = 10k
VOUT = ±10V
RL = 600Ω
RL = 2k
RL = 10k
OUTPUT VOLTAGE (2V/DIV)
6372-1 G24
VOUT = ±10V
OUTPUT VOLTAGE (2V/DIV)
6372-1 G22
RL = 600Ω
RL = 2k
RL = 10k
QFN Package
VS = ±15V
TA = 25°C
BANDWIDTH
LIMITED
G = 1
G = 10
G = 100
G = 1000
FREQUENCY (Hz)
10
100
1k
10k
100k
40
60
80
100
120
140
160
QFN Package
CMRR vs Frequency, RTI
6372-1 G25
VOUT = ±10V
RL = 600Ω
RL = 2k
RL = 10k
OUTPUT VOLTAGE (2V/DIV)
6372-1 G23
MS16E Package
VS = ±15V
TA = 25°C
BANDWIDTH
LIMITED
G = 1
G = 10
G = 100
G = 1000
FREQUENCY (Hz)
10
100
1k
10k
100k
40
60
80
100
120
140
160
MS16E Package
CMRR vs Frequency, RTI
6372-1 G26
VS = ±15V
G = 1
G = 10
G = 100
G = 1000
FREQUENCY (Hz)
0.1
1
10
100
1k
10k 100k 1M
20
40
60
80
100
120
140
160
Ratio vs Frequency
Positive Power Supply Rejection
6372-1 G27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com