Electronic Components Datasheet Search
  English  ▼

X  

LT6370 Datasheet(PDF) 6 Page - Analog Devices

Part # LT6370
Description  Precision Instrumentation Amplifier with Level Shift and Output Clamping
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT6370 Datasheet(HTML) 6 Page - Analog Devices

Back Button LT6370 Datasheet HTML 2Page - Analog Devices LT6370 Datasheet HTML 3Page - Analog Devices LT6370 Datasheet HTML 4Page - Analog Devices LT6370 Datasheet HTML 5Page - Analog Devices LT6370 Datasheet HTML 6Page - Analog Devices LT6370 Datasheet HTML 7Page - Analog Devices LT6370 Datasheet HTML 8Page - Analog Devices LT6370 Datasheet HTML 9Page - Analog Devices LT6370 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
LT6372-1
6
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Distribution of Input Offset
Voltage, MS16E Package
Distribution of Input Offset
Voltage Drift, MS16E Package
Distribution of Input Offset
Voltage Drift, MS16E Package
Distribution of Input Offset
Voltage, QFN Package
Distribution of Input Offset
Voltage Drift, QFN Package
Distribution of Input Offset
Voltage Drift, QFN Package
Distribution of Output Offset
Voltage, MS16E Package
Distribution of Output Offset
Voltage Drift, MS16E Package
Distribution Output Offset Voltage
Drift, MS16E Package
TA = 25°C, VS = ±15V, VCM = VREF1 = VREF2  = 0V, VCLLO = V–, VCLHI = V+, RL = 2k, unless otherwise noted.
50 Units
INPUT OFFSET VOLTAGE (µV)
–50 –40 –30 –20 –10 0 10 20 30 40 50
0
5
10
15
20
25
30
35
40
45
50
Voltage, MS16 Package
Distribution of Input Offset
6372-1 G01
TA = –40°C to 85°C
50 Units
INPUT OFFSET VOLTAGE DRIFT (µV/°C)
–0.5 –0.4 –0.3 –0.2 –0.1 0.0 0.1 0.2 0.3 0.4 0.5
0
5
10
15
20
25
30
35
40
45
50
Voltage Drift, MS16 Package
Distribution of Input Offset
6372-1 G02
TA = –40°C to 125°C
50 Units
INPUT OFFSET VOLTAGE DRIFT (µV/°C)
–0.5 –0.4 –0.3 –0.2 –0.1 0.0 0.1 0.2 0.3 0.4 0.5
0
5
10
15
20
25
30
35
40
45
50
Voltage Drift, MS16 Package
Distribution of Input Offset
6372-1 G03
50 Units
INPUT OFFSET VOLTAGE (µV)
–50 –40 –30 –20 –10 0 10 20 30 40 50
0
5
10
15
20
25
30
35
40
45
50
Voltage, QFN Package
Distribution of Input Offset
6372-1 G04
TA = –40°C to 85°C
50 Units
INPUT OFFSET VOLTAGE DRIFT (µV/°C)
–0.5 –0.4 –0.3 –0.2 –0.1 0.0 0.1 0.2 0.3 0.4 0.5
0
5
10
15
20
25
30
35
40
45
50
Voltage Drift, QFN Package
Distribution of Input Offset
6372-1 G05
TA = –40°C to 125°C
50 Units
INPUT OFFSET VOLTAGE DRIFT (µV/°C)
–0.5 –0.4 –0.3 –0.2 –0.1 0.0 0.1 0.2 0.3 0.4 0.5
0
5
10
15
20
25
30
35
40
45
50
Voltage Drift, QFN Package
Distribution of Input Offset
6372-1 G06
50 Units
OUTPUT OFFSET VOLTAGE (µV)
–240 –180 –120 –60
0
60 120 180 240
0
5
10
15
20
25
30
35
40
45
50
Voltage, MS16 Package
Distribution of Output Offset
6372-1 G07
TA = –40°C to 85°C
50 Units
OUTPUT OFFSET VOLTAGE DRIFT (µV/°C)
–5 –4 –3 –2 –1 0
1
2
3
4
5
0
5
10
15
20
25
30
35
40
45
50
Voltage Drift, MS16 Package
Distribution of Output Offset
6372-1 G08
TA = –40°C to 125°C
50 Units
OUTPUT OFFSET VOLTAGE DRIFT (µV/°C)
–5 –4 –3 –2 –1 0
1
2
3
4
5
0
5
10
15
20
25
30
35
40
45
50
Voltage Drift, MS16 Package
Distribution of Output Offset
6372-1 G09



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com