Electronic Components Datasheet Search
  English  ▼

X  

LT6370 Datasheet(PDF) 19 Page - Analog Devices

Part # LT6370
Description  Precision Instrumentation Amplifier with Level Shift and Output Clamping
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT6370 Datasheet(HTML) 19 Page - Analog Devices

Back Button LT6370 Datasheet HTML 15Page - Analog Devices LT6370 Datasheet HTML 16Page - Analog Devices LT6370 Datasheet HTML 17Page - Analog Devices LT6370 Datasheet HTML 18Page - Analog Devices LT6370 Datasheet HTML 19Page - Analog Devices LT6370 Datasheet HTML 20Page - Analog Devices LT6370 Datasheet HTML 21Page - Analog Devices LT6370 Datasheet HTML 22Page - Analog Devices LT6370 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
LT6372-1
19
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Split Reference Pins
Output Level Shifting with the LT6372-1’s difference ampli-
fier features split reference pins, REF1 and REF2, which
allow the output to be easily and accurately level shifted
without the use of external circuitry. REF1 and REF2 are
typically tied to an ADC ground and reference respectively.
In this configuration the amplifier’s output is conveniently
level shifted to the center of the ADC input range.
If REF1 and REF2 are shorted to each other, they can
function as the reference for the output voltage like a tra-
ditional instrumentation amplifier.
Parasitic resistance in series with REF1 and REF2 should
be minimized to preserve CMRR and gain performance.
It is also important to note that the drift in any circuitry
used to drive REF1 or REF2 can results in an additional
output drift term. Therefore, it may be important to con-
sider the temperature accuracy of the circuitry used to
drive the REF pin.
Gain Setting Resistor Connections
Each pre-amplifier gives a set of RG connection termi-
nals which should be routed separately to the gain setting
resistor. Doing this minimizes the impact which parasitic
trace and lead resistance has on gain accuracy. When
routing to the gain setting resistors, large loops should
be avoided as they can couple noise into the amplifier.
Output Clamps
The CLHI and CLLO clamp pins limit the output voltage
swing of the LT6372-1. CLHI and CLLO are typically tied
to the ADC supply/reference and ADC ground respectively.
In this case the ADC input is protected from being over-
driven by the LT6372-1 which is likely running off a higher
supply voltage.
When the CLLO is tied to 0V, attempts to drive the output
below 0V will be clamped at –0.45 typically. When CLHI
is tied to 5V, attempts to drive the output above 5V will
be clamped at 5.45V typically.
CLHI and CLLO are high impedance inputs and do not
conduct significant current during clamping. Rather, inter-
nal amplifier nodes are controlled by CLHI and CLLO to
limit the output voltage.
In applications where clamping is not desired, CLLO
should be tied to V– and CLHI to V+ to disable clamping.
Input and Output Offset Voltage
The offset voltage of the LT6372-1 has two main compo-
nents: the input offset voltage due to the input amplifiers
and the output offset due to the output amplifier. The total
offset voltage referred to the input (RTI) is found by divid-
ing the output offset by the programmed gain and adding
it to the input offset voltage. At high gains the input offset
voltage dominates, whereas at low gains the output offset
voltage dominates. The total offset voltage is:
Total input offset voltage (RTI) = VOSI + VOSO/G
Total output offset voltage (RTO) = VOSI • G + VOSO
The preceding equations can also be used to calculate
offset drift in a similar manner.
Output Offset Trimming
The LT6372-1 is laser trimmed for low offset voltage
so that no external offset trimming is required for most
applications. In the event that the offset voltage needs
to be adjusted, the circuit in Figure 2 is an example of
an optional offset adjustment circuit. The op amp buffer
provides a low impedance signal to the REF pin in order
to achieve the best CMRR and lowest gain error.
Figure 2. Optional Trimming of Output Offset Voltage
LT6372-1 F02
–
+
REF1
REF2
OUTPUT
LT6372-1
10k
+10mV
100
100
–10mV
R1
R2
V–
5V
V+
V–
V+
LTC2057
±5mV
ADJUSTMENT
RANGE
Thermocouple Effects
In order to achieve accuracy on the microvolt level, ther-
mocouple effects must be considered. Any connection
of dissimilar metals forms a thermoelectric junction and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com