Electronic Components Datasheet Search
  English  ▼

X  

LT3697 Datasheet(PDF) 40 Page - Analog Devices

Part # LT3697
Description  5V 3A Output, 42V Input USB Charger with Cable Drop Compensation and Dataline Protection
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3697 Datasheet(HTML) 40 Page - Analog Devices

Back Button LT3697 Datasheet HTML 32Page - Analog Devices LT3697 Datasheet HTML 33Page - Analog Devices LT3697 Datasheet HTML 34Page - Analog Devices LT3697 Datasheet HTML 35Page - Analog Devices LT3697 Datasheet HTML 36Page - Analog Devices LT3697 Datasheet HTML 37Page - Analog Devices LT3697 Datasheet HTML 38Page - Analog Devices LT3697 Datasheet HTML 39Page - Analog Devices LT3697 Datasheet HTML 40Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 40 / 40 page
background image
LT8698S/LT8698S-1
40
Rev. A
For more information www.analog.com
ANALOG DEVICES, INC. 2021
02/21
www.analog.com
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER DESCRIPTION
COMMENTS
LT8697
5V USB, 42V Input, 2.5A, 95% Efficiency, 2.2MHz Synchronous
Step-Down DC/DC Converter with Cable Drop Compensation
VIN(MIN) = 5V, VIN(MAX) = 42V, VOUT(MIN) = 5.0V to 5.25V, ISD <1μA,
3mm × 5mm QFN-24 Package
LT3697
5V USB, 35V Input, 60V Transient, 2.5A, 2.2MHz Step-Down DC/DC
Converter with Cable Drop Compensation
VIN(MIN) = 5V, VIN(MAX) = 35V (Transient to 60V), VOUT(MIN) = 5.0V to
5.25V, ISD <1μA, MSOP-16E Package
LT8650S
42V Dual 4A, 95% Efficiency, 2.2MHz Synchronous Silent Switcher 2
Step-Down DC/DC Converter with IQ = 6.2μA
VIN = 3V to 42V, VOUT(MIN) = 0.8V, IQ = 6.2μA, ISD <2μA, 4mm × 6mm
LQFN-32 Package
LT8652S
18V Dual 8.5A, 94% Efficiency, 2.2MHz Synchronous Silent Switcher 2
Step-Down DC/DC Converter with IQ = 16μA
VIN = 3V to 18V, VOUT(MIN) = 0.6V, IQ = 16μA, ISD <6μA, 4mm × 7mm
LQFN-36 Package
LT8653S
42V Dual 2A, 94% Efficiency, 2.2MHz Synchronous Silent Switcher 2
Step-Down DC/DC Converter with IQ = 6.2μA
VIN = 3V to 42V, VOUT(MIN) = 0.8V, IQ = 6.2μA, ISD <2μA, 4mm × 3mm
LQFN-20 Package
LT8636
42V 5A, 95% Efficiency, 2MHz Synchronous Silent Switcher
Step-Down DC/DC Converter with IQ = 2.5μA
VIN = 3.4V to 42V, VOUT(MIN) = 0.97V, IQ = 2.5μA, ISD <1μA,
4mm × 3mm LQFN-20 Package
LT8648S
42V 15A, 95% Efficiency, 2MHz Synchronous Silent Switcher 2
Step-Down DC/DC Converter with IQ = 6.2μA
VIN = 3V to 42V, VOUT(MIN) = 0.6V, IQ = 100μA in Burst Mode
Operation 7mm × 4mm LQFN-36 Package
LT8611
42V, 2.5A, 946% Efficiency, 2.2MHz Synchronous MicroPower
Step-Down DC/DC Converter with IQ = 2.5μA and Input/Output
Current Limit/Monitor
VIN(MIN) = 3.4V, VIN(MAX) = 42V, VOUT(MIN) = 0.985V, IQ = 2.5μA,
ISD < 1μA, 3mm × 5mm QFN-24 Package
LT6110
Cable/Wire Drop Compensator
VIN(MIN) = 2V, VIN(MAX) = 50V, VOUT(MIN) = 0.4V, IQ = 16μA,
SOT-8, 2mm × 2mm DFN-8 Packages
LT4180
Virtual Remote Sense Controller
VIN(MIN) = 3.1V, VIN(MAX) = 50V, Transient to 80V, IQ = 1mA,
SSOP-24 Package
CVIN
2.2µF
1206
RSEN
10m
USB
SOCKET
VBUS 5V 2.5A OR OPEN.
DATA LINES HIGH
SPEED USB 2.0
L1
1.5µH
RSTAT
100K
RFLT
100K
ZO = 90
DIFFERENTIAL
ZO = 90
DIFFERENTIAL
10nH
10nH
RT
RCBL
SEL1-3
STATUS
EN/UV
INTVCC
FLT
LD–
LD+
HD–
HD+
USB5V
BUS/ISN
OUT/ISP
SW
LT8698S
GND PGND
CLAMP
CCLMP
0.1µF
8698S TA06
RT
5.62k
RCBL
4.53k
IMON
0.46 V/A
100k
10nH
10nH
ADC READS IBUS
RESPOND TO
USB OTG REQUEST
I/O READ BACK
VBUS STATE
HIGH SPEED
USB 2.0 HOST
µCONTROLLER
COUT
22µF
1206
CINTVCC
1.0µF
VBUS
D+
D–
D+
D–
GND
fSW = 3MHz FOR
VIN = 7.5V TO 42V
VIN
VIN
6V TO 42V
PINS NOT USED IN
THIS CIRCUIT:
BST
SYNC/MODE
RMON
VBUS Regulator with USB On-The-Go Functionality and High Speed USB 2.0 Dataline Protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com