Electronic Components Datasheet Search
  English  ▼

X  

LT3697 Datasheet(PDF) 20 Page - Analog Devices

Part # LT3697
Description  5V 3A Output, 42V Input USB Charger with Cable Drop Compensation and Dataline Protection
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3697 Datasheet(HTML) 20 Page - Analog Devices

Back Button LT3697 Datasheet HTML 16Page - Analog Devices LT3697 Datasheet HTML 17Page - Analog Devices LT3697 Datasheet HTML 18Page - Analog Devices LT3697 Datasheet HTML 19Page - Analog Devices LT3697 Datasheet HTML 20Page - Analog Devices LT3697 Datasheet HTML 21Page - Analog Devices LT3697 Datasheet HTML 22Page - Analog Devices LT3697 Datasheet HTML 23Page - Analog Devices LT3697 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
Additionally, the LT8698S can sink current from the out-
put when in forced continuous mode (FCM). This feature
improves the step response for a load step from high to
low. Cable drop compensation adds voltage to the output
to compensate for voltage drop across the cable resis-
tance at high load. Since most DC/DC convertors can only
source current, a load step from high to near zero current
leaves the output voltage high and out of regulation. The
LT8698S fixes this problem by allowing the regulator to
LT8698S/LT8698S-1
20
Rev. A
For more information www.analog.com
APPLICATIONS INFORMATION
sink current from the output when USB5V is too high
using FCM. Figure 5 shows the output voltage of the front
page application circuit with both FCM and PSK modes in
response to a fast, 1.3A load step through a 3m cable. The
load step response from high current to zero in PSK mode
is extremely slow and is limited by the OUT/ISP, BUS/ISN
and USB5V pin bias currents. However, with FCM enabled,
the output slews quickly back into regulation.
Figure 5. Load Step Response with and without
Forced Continuous Mode
20µs/DIV
VLOAD w/ FCM
500mV/DIV
VLOAD w/o FCM
500mV/DIV
IBUS
1A/DIV
8698S F05
+
VBUS
CBUS
100µF
LONG CABLE
8698S F04a
PROBE
POINT
PROBE
GROUND
POINT
+
VBUS
CBUS
100µF
LONG CABLE
8698S F04b
PROBE
POINT
PROBE
POINT
(a) Incorrect Remote Output Probing
(b) Correct Remote Output Probing
(c) Effect of Probing Remote Output Incorrectly
100µs/DIV
VLOAD Probed
Correctly
500mV/DIV
VLOAD Probed
Incorrectly
500mV/DIV
IBUS
1A/DIV
8698S F04c
Figure 4. Probing a Remote Output Correctly
Lastly, the LT8698S positive switch peak current and
negative valley current limits exceed the positive output
current limit of 2.65A. This large current range allows the
LT8698S to slew the output capacitor quickly for cable
drop compensation during a transient load step.
Output Current Limit
In addition to regulating the output voltage, the LT8698S
limits the average output current with a current regulation
loop. Output current regulation limits power dissipation
in the case of a fault on the USB cable or of the device
plugged into the socket. The LT8698S measures the volt-
age drop across the external sense resistor RSEN using the
OUT/ISP and BUS/ISN pins. This resistor should be con-
nected on the load side of the output capacitor COUT, in
series with the load. The LT8698S control loop modulates
the cycle-by-cycle switch current limit such that the aver-
age voltage across the OUT/ISP to BUS/ISN pins does not
exceed its regulation point. When load current exceeds
the output current limit and current regulation is active,
the output voltage will drop below its regulation point.
The LT8698S also includes latch-off and auto-retry func-
tionality in the output current regulation loop. If the output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com