Electronic Components Datasheet Search
  English  ▼

X  

LT3697 Datasheet(PDF) 13 Page - Analog Devices

Part # LT3697
Description  5V 3A Output, 42V Input USB Charger with Cable Drop Compensation and Dataline Protection
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3697 Datasheet(HTML) 13 Page - Analog Devices

Back Button LT3697 Datasheet HTML 9Page - Analog Devices LT3697 Datasheet HTML 10Page - Analog Devices LT3697 Datasheet HTML 11Page - Analog Devices LT3697 Datasheet HTML 12Page - Analog Devices LT3697 Datasheet HTML 13Page - Analog Devices LT3697 Datasheet HTML 14Page - Analog Devices LT3697 Datasheet HTML 15Page - Analog Devices LT3697 Datasheet HTML 16Page - Analog Devices LT3697 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
LT8698S/LT8698S-1
13
Rev. A
For more information www.analog.com
PIN FUNCTIONS
USB5V (Pin 20): USB5V is the 5V regulator feedback pin.
For cable drop compensation, the USB5V pin input cur-
rent is proportional to the sensed output current. Tie RCDC
from USB5V to the BUS/ISN output for 5V regulation plus
cable drop compensation. Tie CCDC from USB5V to BUS/
ISN to limit the cable drop compensation loop bandwidth.
Short USB5V to VBUS if no cable drop compensation is
desired.
BUS/ISN (Pin 21): BUS/ISN is the USB VBUS output and
negative current sense input pin. BUS/ISN provides an
additional input to the error amplifier to ensure the maxi-
mum output regulation voltage does not exceed 6.05V.
In addition, BUS/ISN provides the negative input to the
internal current sense amplifier. BUS/ISN must be tied
to the RSEN sense resistor for cable drop compensation
and output current limit. Kelvin connect the BUS/ISN pin
to the sense resistor to separate regulator output cur-
rent from the BUS/ISN PCB trace. See the Applications
Information section for additional operation and PCB lay-
out information.
OUT/ISP (Pin 22): OUT/ISP is the switching regulator
output. OUT/ISP must be tied to the inductor terminal
opposite the SW and must be bypassed by the output
capacitor. Also, the OUT/ISP pin is the noninverting input
to the current sense amplifier and must be tied to the
RSEN sense resistor for cable drop compensation and
output current limit. Kelvin connect the OUT/ISP pin to
the sense resistor to separate regulator output current
from the OUT/ISP trace. See the Applications Information
section for additional information.
SW (Pins 24, 25): SW is the output node of the inter-
nal top and bottom side power switches. Connect to the
switching regulator inductor. This node should be kept
small on the PCB for good performance.
BST (Pin 26): BST provides a drive voltage, higher than
the input voltage, to the top side power switch. Leave
BST floating.
PGND (Pins 27, 32): The PGND pins are the return path
of the internal bottom side power switch and must be tied
together. Place negative terminal of the input capacitors
as close as possible to the PGND pins. See Applications
Information section for a sample layout. All GND and
PGND pins are internally shorted together.
VIN (Pins 29, 30): The VIN pins are the input path of the
internal top side power switch and must be tied together.
The LT8698S requires a minimum of 2µF local input
bypass capacitance to PGND. A single 2.2µF capacitor
may be placed between VIN and PGND. Best practice for
low EMI/EMC is to tie two additional 0.1µF input bypass
capacitors to VIN. One 0.1µF capacitor should be placed
between VIN and pin 27 PGND. A second 0.1µF capacitor
of equal value should be placed between VIN and pin 32
PGND. These capacitors should be placed as close as pos-
sible to the LT8698S. See Application Information section
for a sample layout.
Exposed Pads (Pins 33–38): The exposed pads must be
connected to ground. Keep the top layer PCB connection
to these pins large to lower the thermal resistance from
the LT8698S package to ambient. See the Applications
Information section for detailed recommendations.
Corner Support Pads (Pins 39–42): The four pads at
each corner of the package are support pads intended to
improve board level mechanical reliability. These pads are
tied to ground internally to the LT8698S. The pads must
be tied to PCB ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com