Electronic Components Datasheet Search
  English  ▼

X  

LT3697 Datasheet(PDF) 29 Page - Analog Devices

Part # LT3697
Description  5V 3A Output, 42V Input USB Charger with Cable Drop Compensation and Dataline Protection
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3697 Datasheet(HTML) 29 Page - Analog Devices

Back Button LT3697 Datasheet HTML 25Page - Analog Devices LT3697 Datasheet HTML 26Page - Analog Devices LT3697 Datasheet HTML 27Page - Analog Devices LT3697 Datasheet HTML 28Page - Analog Devices LT3697 Datasheet HTML 29Page - Analog Devices LT3697 Datasheet HTML 30Page - Analog Devices LT3697 Datasheet HTML 31Page - Analog Devices LT3697 Datasheet HTML 32Page - Analog Devices LT3697 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
LT8698S/LT8698S-1
29
Rev. A
For more information www.analog.com
(b) 20V Fault on HD+
(a) CLAMP Circuit to Reduce Overshoot
APPLICATIONS INFORMATION
CDP connection in progress. While the STATUS pin oscil-
lates, the select pins are locked out from changing the
LT8698S state.
The device will then remove the voltage source from D+
and the current source from D– and place a 100µA cur-
rent source on D+ and a 0.6V voltage source on D– for
40ms. The LT8698S will respond by removing the 0.6V
voltage source from D–. The LT8698S will monitor D– to
see if the 0.6V voltage source is present for 40ms. This
is secondary detection, and it indicates that the host port
is CDP capable. The STATUS pin will continue to oscillate
and the select pins will continue to be locked out.
The device can now charge from VBUS at up to 1.5A and
proceed to enumerate, pulling either D+ or D– above logic
high to initiate a USB connection and to indicate the speed
of the connection. When either D+ or D– is pulled above
logic high, the LT8698S will remove the 100µA current
source from D+ and the STATUS pin will stop oscillating
and stay high, indicating that the CDP sequence is done.
When STATUS is not oscillating, the select pins are no
longer locked out.
This enumeration must occur within 1s of the initial attach
when D+ is pulled to 0.6V or the LT8698S will stop the
CDP handshake and return to the initial CDP state, wait-
ing for a connection. If the device pulls D+ or D– above
logic high during the CDP sequence before the sequence
is completed, the LT8698S will interpret that the device is
not CDP capable, will stop the CDP sequence, and indicate
that the CDP handshake failed.
D+ or D– pulled above logic high will end the CDP hand-
shake sequence. To restart CDP, the select pins must input
any state other than select state 0, 1, or 2 and then be
returned to the desired CDP input state.
Select state 2 allows the user to query if the CDP hand-
shake sequence was successful or not. It is intended to
be used after a portable device connects during select state
0 or 1. It does not affect the datalines, but after a con-
nection, the STATUS pin will indicate if a successful CDP
sequence was completed. While select state 2 is selected,
STATUS high indicates a successful CDP connection, and
STATUS low indicates an unsuccessful CDP connection.
If select 2 is selected with neither select 0 nor 1 states
1s/DIV
IHD+
1A/DIV
ILD+
0.5A/DIV
8698S F12b
20V FAULT APPLIED TO
HD+ THROUGH 3m AWG
24 TWISTED PAIR CABLE
LD+ 50 TO GND
HD+
10V/DIV
CLAMP
10V/DIV
CLAMP
CCLMP
0.1F
DCLMP
DFLT22A
8698S F12a
interfere with the LT8698S CDP sequence. Select state
0 keeps the dataline switches closed. Select state 1 per-
forms the CDP sequence with the dataline switches open
and 20k termination resistors tied from HD+ and HD– to
GND. Select state 1 allows the LT8698S to handle the CDP
sequence independently of the host µController and only
connects the dataline switches after the CDP sequence
is complete or the portable device attempts a connection
without CDP. In select state 1, after the CDP sequence
is complete, the internal 20k termination resistors are
removed from the datalines and the dataline switches
are closed.
When CDP is selected with either select 0 or select 1
states, the LT8698S connects a 100µA current source to
D+, asserts STATUS low and waits for a device to attach to
the USB socket. Once a device is attached, a CDP compli-
ant device will place a 0.6V voltage source on D+ and a
100µA current source on D– for 40ms. The LT8698S will
recognize 0.6V on D+ and will apply a 0.6V voltage source
to D– within 20ms. This is CDP primary detection, and
it indicates that the host port is either CDP or dedicated
charger Port (DCP) capable. The LT8698S will also start
to oscillate the STATUS pin with a 9ms period to indicate a
Figure 12. Cable Faults



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com