Electronic Components Datasheet Search
  English  ▼

X  

LT3697 Datasheet(PDF) 9 Page - Analog Devices

Part # LT3697
Description  5V 3A Output, 42V Input USB Charger with Cable Drop Compensation and Dataline Protection
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3697 Datasheet(HTML) 9 Page - Analog Devices

Back Button LT3697 Datasheet HTML 5Page - Analog Devices LT3697 Datasheet HTML 6Page - Analog Devices LT3697 Datasheet HTML 7Page - Analog Devices LT3697 Datasheet HTML 8Page - Analog Devices LT3697 Datasheet HTML 9Page - Analog Devices LT3697 Datasheet HTML 10Page - Analog Devices LT3697 Datasheet HTML 11Page - Analog Devices LT3697 Datasheet HTML 12Page - Analog Devices LT3697 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
LT8698S/LT8698S-1
9
Rev. A
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Switching Frequency
vs Load Current
Switch Rising Edge
TA = 25°C, VIN = 12V unless otherwise noted.
Soft-Start vs Time
Start-Up/Dropout
Minimum VIN for Full Frequency
Regulation @ 2MHz with 400mΩ
Cable Drop Compensation
Load Transient Response Through
Cable
Load Transient Response Through
Cable
Output Current Limit Transient
USB5V (Feedback) Shorted to
Ground Transient
Start–Up / Dropout
VBUS
VIN
IBUS = 0A
10ms/DIV
2V/DIV
8698S G22
400mΩ CABLE COMP
L = XAL5030–222
RSEN = 10mΩ
VIN @ IBUS = 2.5A
VIN @ IBUS = 1A
VBUS @ IBUS = 2.5A
VBUS @ IBUS = 1A
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
5.0
5.5
6.0
6.5
7.0
7.5
8.0
Cable Drop Comp
Regulation @ 2MHz with 400mΩ
Minimum VIN for Full Frequency
8698S G23
VBUS
VLOAD
IBUS
25mA/µs
FRONT PAGE CIRCUIT
CABLE = 3m AWG24
CLOAD = 0µF
40µs/DIV
4.00
4.25
4.50
4.75
5.00
5.25
5.50
5.75
6.00
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Through Cable
Load Transient Response
8698S G24
VBUS
VLOAD
IBUS
25mA/µs
FRONT PAGE CIRCUIT
CABLE = 3m AWG
CLOAD = 0µF
40µs/DIV
4.00
4.25
4.50
4.75
5.00
5.25
5.50
5.75
6.00
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Through Cable
Load Transient Response
8698S G25
Output Current Limit Transient
VBUS
OVERLOAD
APPLIED
VBUS
OVERLOAD
RELEASED
1ms/DIV
VBUS
2V/DIV
IBUS
1A/DIV
8698S G26
RSEN = 10m
RCDC = 0
FB Shorted to Ground
VBUS
VUSB5V
FRONT PAGE CIRCUIT
IBUS = 1A
10µs/DIV
1V/DIV
8698S G27
SYNC/MODE = FLOAT
SYNC/MODE = LOW
IBUS CURRENT (A)
0
0.5
1
1.5
2
2.5
0
0.40
0.80
1.20
1.60
2.00
2.40
vs Load Current
Switching Frequency
8698S G19
Switch Rising Edge
VIN = 12V
IBUS = 2A
1ns/DIV
VSW
2V/DIV
8698S G20
Soft–Start vs Time
200µs/DIV
VBUS
1V/DIV
8698S G21
IBUS = 0A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com