Electronic Components Datasheet Search
  English  ▼

X  

LT3697 Datasheet(PDF) 21 Page - Analog Devices

Part # LT3697
Description  5V 3A Output, 42V Input USB Charger with Cable Drop Compensation and Dataline Protection
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3697 Datasheet(HTML) 21 Page - Analog Devices

Back Button LT3697 Datasheet HTML 17Page - Analog Devices LT3697 Datasheet HTML 18Page - Analog Devices LT3697 Datasheet HTML 19Page - Analog Devices LT3697 Datasheet HTML 20Page - Analog Devices LT3697 Datasheet HTML 21Page - Analog Devices LT3697 Datasheet HTML 22Page - Analog Devices LT3697 Datasheet HTML 23Page - Analog Devices LT3697 Datasheet HTML 24Page - Analog Devices LT3697 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
Table 2 shows the ideal RT value for a desired switching
frequency.
Table 2. Switching Frequency vs RT Value
Switching Frequency (MHz)
RT (kΩ)
3
5.76
2.8
6.19
2.6
6.81
2.4
7.5
2.2
8.25
2
9.09
1.8
10.2
1.6
11.5
1.5
12.4
1.4
13.3
1.3
14.7
1.2
15.8
1.1
17.4
1
19.1
0.9
21.5
0.8
24.3
0.7
28
0.6
32.4
0.5
39.2
0.4
49.9
0.3
66.5
RT can also be found for the desired switching frequency
using Equation 4 where f is in MHz.
RT =
20.25
f
– 1.013k
(4)
Operating Frequency Selection and Trade-Offs
Selection of the operating frequency is a trade-off between
efficiency, component size and input voltage range. The
advantage of high frequency operation is that smaller
inductor and capacitor values may be used. The disadvan-
tages are lower efficiency and a smaller input voltage range.
The highest switching frequency (fSW(MAX)) for a given
application before min on-time limited can be calculated
using Equation 5.
fSW(MAX) =
VOUT/ISP
tON(MIN)•VIN(MAX)
•1000
(5)
LT8698S/LT8698S-1
21
Rev. A
For more information www.analog.com
APPLICATIONS INFORMATION
voltage is 7% below is regulation point for at least 4.2ms,
the LT8698S will stop switching for 59ms. After 59ms,
the LT8698S will start switching. If the output can return
to its nominal regulation point within 4.2ms after starting
to switch, then normal operation will resume. Otherwise,
if the output still remains more than 7% below its regu-
lation point, the LT8698S will again stop switching for
59ms and this sequence will repeat. This latch-off and
auto-retry feature reduces the power dissipation in a fault
condition to about an 7% duty cycle of what it otherwise
would have been.
Using RCBL as an Output Current Monitor
The primary function of the RCBL pin is to set the cable
drop compensation as discussed in the Cable Drop
Compensation section. The secondary function of the
RCBL pin is to produce an output voltage that is propor-
tional to the output load current. The RCBL pin can there-
fore be used as an output load monitor. The voltage on the
RCBL pin obeys Equation 3 relation to USB load current.
VRCBL= ILOAD • RSEN • 46
(3)
This formula is valid when the LT8698S is enabled.
Since the RCBL pin current is part of the cable drop com-
pensation control loop, excessive capacitive loading on
the RCBL pin can cause USB output voltage overshoot
during load steps. Keep the capacitive loading on the
RCBL pin below 100pF or isolate the load capacitance
with 100kΩ in series between the RCBL pin and the input
it is driving as shown in Figure 6.
Figure 6. Using the RCBL Pin as Output Current Monitor
100k
ADC
8698S F06
RCBL
RCBL
Setting the Switching Frequency
The LT8698S uses a constant frequency PWM architec-
ture that can be programmed to switch from 300kHz to
3MHz by using a resistor tied from the RT pin to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com