Electronic Components Datasheet Search
  English  ▼

X  

UPD78014 Datasheet(PDF) 2 Page - NEC

Part # UPD78014
Description  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78014 Datasheet(HTML) 2 Page - NEC

  UPD78014 Datasheet HTML 1Page - NEC UPD78014 Datasheet HTML 2Page - NEC UPD78014 Datasheet HTML 3Page - NEC UPD78014 Datasheet HTML 4Page - NEC UPD78014 Datasheet HTML 5Page - NEC UPD78014 Datasheet HTML 6Page - NEC UPD78014 Datasheet HTML 7Page - NEC UPD78014 Datasheet HTML 8Page - NEC UPD78014 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
2
µPD780016Y, 780018Y
ORDERING INFORMATION
Part Number
Package
µPD780016YGF-XXX-3BA
100-pin plastic QFP (14
× 20 mm)
µPD780018YGF-XXX-3BA
100-pin plastic QFP (14
× 20 mm)
Remark
XXX indicates ROM code suffix.
78K/0 SERIES DEVELOPMENT
These products are a further development in the 78K/0 Series. The designations appearing inside the boxes are
subseries names.
PD78014Y
PD78018F
PD78014
PD780001
PD780208
PD78044F
PD78024
PD78098
For LV
Low-voltage (1.8 V) operation product of the PD78014, ROM, RAM variations enhanced
A/D, 16-bit timer added to the PD78002
A/D added to the PD78002
I/O, FIP C/D of the PD78044F enhanced, display output total: 53
6-bit U/D counter added to the PD78024, display output total: 34
Basic subseries for FIP driving, display output total: 26
64-pin
64-pin
64-pin
100-pin
80-pin
64-pin
PD78P0914
64-pin
80-pin
78K/0
series
PD780308
PD78064B
PD78064
100-pin
100-pin
100-pin
PD78002
PD78083
PD78018FY
PD78002Y
64-pin
42/44-pin
Basic subseries for control
Internal UART, low-voltage (1.8 V) operation possible
Enhanced SIO of the PD78064, ROM, RAM extended
Reduced EMI noise product of the PD78064
Basic subseries for LCD driving, internal UART
IEBus controller added to the PD78054
PWM output, internal LV digital code decoder, Hsync counter
PD780308Y
PD78064Y
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
Supporting IEBusTM
For driving LCD
For driving FIPTM
PD780024Y
PD780034
PD780024
PD780964
Enhanced A/D of the PD780024
Enhanced serial I/O of the PD78018F. Reduced EMI noise product.
Enhanced A/D of the PD780924
64-pin
64-pin
64-pin
PD780924
PD78014H
PD780034Y
64-pin
64-pin
Internal inverter control circuit and UART. Reduced EMI noise product.
Reduced EMI noise of the PD78018F.
µ
µ
µ
µ
µ
µ
µ
µ
µ
PD78078
PD78070A
PD780018Note
PD78058F
PD78054
PD78078Y
PD78070AY
PD780018YNote
PD78058FY
PD78054Y
For control
Timer added to the PD78054, external interface functions enhanced
ROM-less product for the PD78078
Enhanced serial I/O of the PD78078, functions limited
Reduced EMI noise product of the PD78054
UART and D/A added to the PD78014, enhanced I/O
100-pin
100-pin
100-pin
80-pin
80-pin
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
Y subseries supports I2C bus.
Under mass production
Under development
µ
Note Under planning
µ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com