Electronic Components Datasheet Search
  English  ▼

X  

UPD78014 Datasheet(PDF) 16 Page - NEC

Part # UPD78014
Description  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78014 Datasheet(HTML) 16 Page - NEC

Back Button UPD78014 Datasheet HTML 12Page - NEC UPD78014 Datasheet HTML 13Page - NEC UPD78014 Datasheet HTML 14Page - NEC UPD78014 Datasheet HTML 15Page - NEC UPD78014 Datasheet HTML 16Page - NEC UPD78014 Datasheet HTML 17Page - NEC UPD78014 Datasheet HTML 18Page - NEC UPD78014 Datasheet HTML 19Page - NEC UPD78014 Datasheet HTML 20Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
16
µPD780016Y, 780018Y
4. MEMORY SPACE
The memory map of the
µPD780016Y and 780018Y is shown in Figure 4-1.
Figure 4-1. Memory Map
Notes 1. If external device expansion functions are to be employed for the
µPD780018Y, set the size of the
internal ROM to below 56K bytes using the memory size switching register (IMS).
2. The internal ROM capacity depends on the product. (See the following table.)
Part Number
Internal ROM Last Address
nnnnH
µPD780016Y
BFFFH
µPD780018Y
EFFFH
FFFFH
FF00H
FEFFH
FB00H
FAFFH
FEE0H
FEDFH
FAE0H
FADFH
FAC0H
FABFH
F800H
F7FFH
nnnnH+1
nnnnH
0000H
nnnnH
1000H
0FFFH
0800H
07FFH
0080H
007FH
0040H
003FH
0000H
Use prohibited
Use prohibited
Internal extended RAM
1024
× 8 bits
Program area
CALLF entry area
Program area
CALLT table area
Vector table area
Special function registers
(SFR) 256
× 8 bits
General-purpose registers
32
× 8 bits
Internal high-speed RAM
1024
× 8 bits
Internal ROM Note 2
Buffer RAM
32
× 8 bits
Program
memory
space
Data
memory
space
F400H
F3FFH
Use prohibited Note 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com