Electronic Components Datasheet Search
  English  ▼

X  

UPD78014 Datasheet(PDF) 4 Page - NEC

Part # UPD78014
Description  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78014 Datasheet(HTML) 4 Page - NEC

  UPD78014 Datasheet HTML 1Page - NEC UPD78014 Datasheet HTML 2Page - NEC UPD78014 Datasheet HTML 3Page - NEC UPD78014 Datasheet HTML 4Page - NEC UPD78014 Datasheet HTML 5Page - NEC UPD78014 Datasheet HTML 6Page - NEC UPD78014 Datasheet HTML 7Page - NEC UPD78014 Datasheet HTML 8Page - NEC UPD78014 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
4
µPD780016Y, 780018Y
Internal
ROM
48K bytes
60K bytes
memory
Internal high-speed RAM
1024 bytes
Buffer RAM
32 butes
Internal expansion RAM
1024 bytes
Memory space
64K bytes
General registers
8 bits
× 32 registers (8 bits × 8 registers × 4 banks)
Instruction cycle
On-chip instruction execution time selective function
When main system clock selected
0.4
µs/0.8 µs/1.6 µs/3.2 µs/6.4 µs (at 5.0 MHz)
When subsystem clock selected
122
µs (at 32.768 kHz)
Instruction set
• 16-bit operation
• Multiplcation/division (8 bits
× 8 bits,16 bits ÷ 8 bits)
• Bit manipulation (set, reset, test, boolean operation)
• BCD adjustment, etc.
I/O ports
Total
: 88
• CMOS input
:
9
• CMOS I/O
: 79
A/D converter
• 8-bit resolution
× 8 channels
Serial interface
• 3-wire serial I/O mode (with automatic data transmit/receive function): 1 channel
• 3-wire serial I/O mode (with time division transfer function)
: 1 channel
•I2C bus mode (supporting multi-task)
: 1 channel
Timer
• 16-bit timer/event counter : 1 channel
• 8-bit timer/event counter : 4 channels
• Watch timer
: 1 channel
• Watchdog timer
: 1 channel
Timer output
5 (14-bit PWM output
× 1, 8-bit PWM output × 2)
Clock output
39.1 kHz, 78.1 kHz, 156 kHz, 313 kHz, 625 kHz, 1.25 MHz, 2.5 MHz, 5.0 MHz
(at main system clock of 5.0 MHz)
32.768 kHz (at subsystem clock of 32.768 kHz)
Buzzer output
2.4 kHz, 4.9 kHz, 9.8 kHz (at main system clock: at 5.0 MHz)
Vectored
Maskable
Internal : 12
interrupt
External : 7
sources
Non-maskable
Internal : 1
Software
1
Test input
Internal : 1
External : 1
Supply voltage
VDD = 2.7 to 5.5 V
Package
• 100-pin plastic QFP (14
× 20 mm)
OVERVIEW OF FUNCTION
Part Number
Item
µPD780016Y
µPD780018Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com