Electronic Components Datasheet Search
  English  ▼

X  

UPD78014 Datasheet(PDF) 1 Page - NEC

Part # UPD78014
Description  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78014 Datasheet(HTML) 1 Page - NEC

  UPD78014 Datasheet HTML 1Page - NEC UPD78014 Datasheet HTML 2Page - NEC UPD78014 Datasheet HTML 3Page - NEC UPD78014 Datasheet HTML 4Page - NEC UPD78014 Datasheet HTML 5Page - NEC UPD78014 Datasheet HTML 6Page - NEC UPD78014 Datasheet HTML 7Page - NEC UPD78014 Datasheet HTML 8Page - NEC UPD78014 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
DESCRIPTION
The
µPD780016Y and 780018Y are members of the µPD780018Y subseries of the 78K/0 series microcontrollers.
Besides a high-speed, high-performance CPU, these microcontrollers have on-chip ROM, RAM, I/O ports, timer,
serial interface, real-time output port, interrupt control, and various other peripheral hardware.
The
µPD78P0018Y devices including a one-time PROM version and an EPROM version, both of which can operate
in the same power supply voltage range as a mask ROM version, and various development tools are available.
The details of the functions are described in the following user’s manuals. Be sure to read it before starting design.
µPD780018,780018Y Subseries User’s Manual: U11754E
78K/0 Series User’s Manual – Instructions
: IEU-1372
FEATURES
• Internal high capacity ROM and RAM
Item
Program
Data Memory
Part
Memory
Internal High-Speed
Buffer RAM
Internal Extended
Package
Number
(ROM)
RAM
RAM
µPD780016Y
48K bytes
1024 bytes
32 bytes
1024 bytes
100-pin plastic QFP
µPD780018Y
60K bytes
(14
× 20 mm)
MOS INTEGRATED CIRCUIT
µPD780016Y, 780018Y
8-BIT SINGLE-CHIP MICROCONTROLLER
•
External memory expansion space: 64K bytes
• Instruction execution time can be changed from
high-speed (0.4
µs) to ultra-low-speed (122 µs)
• I/O ports: 88
• 8-bit resolution A/D converter: 8 channels
• Timer: 7 channels
• Serial interface: 3 channels
•
3-wire serial I/O mode
(with automatic data transmit/receive function): 1 channel
•
3-wire serial I/O mode
(with time division transfer function): 1 channel
•I2C bus mode (supporting multi-task): 1 channel
• Supply voltage : VDD = 2.7 to 5.5 V
APPLICATION FIELD
Cellular phones, cordless phones, AV equipment, etc.
Document No. U11810EJ1V0PM00 (1st edition)
Date Published December 1996 N
Printed in Japan
The information contained in this document is being issued in advance of the production cycle for the
device. The parameters for the device may change before final production or NEC Corporation, at its own
discretion, may withdraw the device prior to its production.
©
1996
PRELIMINARY PRODUCT INFORMATION


Similar Part No. - UPD78014

ManufacturerPart #DatasheetDescription
logo
NEC
UPD78014 NEC-UPD78014 Datasheet
576Kb / 62P
8-BIT SINGLE-CHIP MICROCOMPUTER
UPD78014 NEC-UPD78014 Datasheet
552Kb / 58P
8-BIT SINGLE-CHIP MICROCOMPUTER
UPD78014 NEC-UPD78014 Datasheet
1Mb / 26P
8-BIT SINGLE-CHIP MICROCONTROLLER
logo
Renesas Technology Corp
UPD78014 RENESAS-UPD78014 Datasheet
410Kb / 58P
8-BIT SINGLE-CHIP MICROCONTROLLER
UPD78014F RENESAS-UPD78014F Datasheet
680Kb / 92P
MOS INTEGRATED CIRCUIT
1997
More results

Similar Description - UPD78014

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
SINGLE CHIP 8 BIT MICROCONTROLLER
logo
NEC
UPD78F9188CT NEC-UPD78F9188CT Datasheet
70Kb / 9P
8-BIT SINGLE-CHIP MICROCONTROLLER
logo
Siemens Semiconductor G...
SAB8032A SIEMENS-SAB8032A Datasheet
462Kb / 21P
8-Bit Single-Chip Microcontroller
logo
NEC
UPD78C18 NEC-UPD78C18 Datasheet
1Mb / 373P
8-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
XC886 INFINEON-XC886_1 Datasheet
4Mb / 144P
8-Bit Single-Chip Microcontroller
V0.9, Dec. 2006
SAL-XC886CLM INFINEON-SAL-XC886CLM Datasheet
870Kb / 134P
8-Bit Single Chip Microcontroller
V1.0 2010-05
XC835 INFINEON-XC835 Datasheet
1Mb / 56P
8-Bit Single-Chip Microcontroller
V1.2 2011-03
SAK-C505CA-4EMCA INFINEON-SAK-C505CA-4EMCA Datasheet
1Mb / 88P
8-Bit Single-Chip Microcontroller
Dec. 2000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com