Electronic Components Datasheet Search
  English  ▼

X  

UPD78014 Datasheet(PDF) 9 Page - NEC

Part # UPD78014
Description  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78014 Datasheet(HTML) 9 Page - NEC

Back Button UPD78014 Datasheet HTML 5Page - NEC UPD78014 Datasheet HTML 6Page - NEC UPD78014 Datasheet HTML 7Page - NEC UPD78014 Datasheet HTML 8Page - NEC UPD78014 Datasheet HTML 9Page - NEC UPD78014 Datasheet HTML 10Page - NEC UPD78014 Datasheet HTML 11Page - NEC UPD78014 Datasheet HTML 12Page - NEC UPD78014 Datasheet HTML 13Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
µPD780016Y, 780018Y
9
3. PIN FUNCTIONS
3.1 Port Pins (1/2)
Function
Pin Name
I/O
Port 0
7-bit I/O port
Input
Input/
output
P00
P01
P02
P03
P04
P05
P06
P10 to P17
P20
P21
P22
P23
P24
P25-P27
P30
P31
P32
P33
P34
P35
P36
P37
P40 to P47
Port 1
8-bit input port
On-chip pull-up resistor can be used by software.Note
Input
Input
Input/
output
Port 2
8-bit input/output port
Input/output can be specified bit-wise.
When used as an input port, on-chip pull-up resistor can be used by software.
Port 3
8-bit input/output port
Input/output can be specified bit-wise.
When used as an input port, on-chip pull-up resistor can be used by software.
Input/
output
Input/
output
Port 4
8-bit input/output port
Input/output can be specified in 8-bit units.
When used as an input port, on-chip pull-up resistor can be used by software.
Test input flag (KRIF) is set to 1 by falling edge detection.
Input
Input
Input only
Input/output can be specified bit-wise.
When used as an input port, on-chip pull-up resistor
can be used by software.
Alternate
Function Pin
After
Reset
Input
Input
INTP0/TI00
INTP1/TI01
INTP2
INTP3
INTP4
INTP5
INTP6
ANI0 to
ANI7
SI1
SO1
SCK1
STB
BUSY
—
TO0
TO1
TO2
TI1
TI2
PCL
BUZ
—
AD0 to AD7
Input
Note
When using the P10/ANI0 to P17/ANI7 pins as the A/D converter analog input, on-chip pull-up resistor is
automatically disconnected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com