Electronic Components Datasheet Search
  English  ▼

X  

UPD78014 Datasheet(PDF) 10 Page - NEC

Part # UPD78014
Description  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78014 Datasheet(HTML) 10 Page - NEC

Back Button UPD78014 Datasheet HTML 6Page - NEC UPD78014 Datasheet HTML 7Page - NEC UPD78014 Datasheet HTML 8Page - NEC UPD78014 Datasheet HTML 9Page - NEC UPD78014 Datasheet HTML 10Page - NEC UPD78014 Datasheet HTML 11Page - NEC UPD78014 Datasheet HTML 12Page - NEC UPD78014 Datasheet HTML 13Page - NEC UPD78014 Datasheet HTML 14Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
10
µPD780016Y, 780018Y
3.1 Port Pins (2/2)
P50 to P57
P60
P61
P62
P63
P64
P65
P66
P67
P80 to P87
P90
P91
P92
P93
P94
P95
P100
P101
P102, P103
P110
P111
P112
P113-P115
P116
P117
P150-P156
Function
Pin Name
I/O
Input/
output
Port 5
8-bit input/output port
LED can be driven directly.
Input/output can be specified bit-wise.
When used as an input port, on-chip pull-up resistor can be used by software.
Input
A8 to A15
—
RD
WR
WAIT
ASTB
A0 to A7
SI4A
SO4A
SCK4A
SI4B
SO4B
SCK4B
TI5/TO5
TI6/TO6
—
SI4C
SO4C
SCK4C
—
SDA
SCL
—
Input/
output
Port 11
8-bit input/output port
Input/output can be specified bit-wise.
When used as an input port, on-chip pull-up resistor can be used by software.
Input
Input/
output
Port 8
8-bit input/output port
Input/output can be specified bit-wise.
When used as an input port, on-chip pull-up resistor can be used by software.
Input
Input/
output
Port 6
8-bit input/ output port
Input/output can be specified bit-wise.
When used as an input port, on-chip pull-up resistor can be used by software.
Input
Alternate
Function Pin
After
Reset
Port 9
6-bit input/output port
Input/output can be specified bit-wise.
When used as an input port, on-chip pull-up resistor can be used by software.
Input
Input/
output
Input/
output
Port 10
4-bit input/output port
Input/output can be specified bit-wise.
When used as an input port, on-chip pull-up resistor can be used by software.
Input
Port 15
7-bit input/output port
Input/output can be specified bit-wise.
When used as an input port, on-chip pull-up resistor can be used by software.
Input/
output
Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com