Electronic Components Datasheet Search
  English  ▼

X  

TMUX7308F Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX7308F
Description  TMUX730xF 짹60-V Fault-Protected, 8:1 and Dual 4:1 Multiplexers with 1.8-V Logic
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7308F Datasheet(HTML) 3 Page - Texas Instruments

  TMUX7308F Datasheet HTML 1Page - Texas Instruments TMUX7308F Datasheet HTML 2Page - Texas Instruments TMUX7308F Datasheet HTML 3Page - Texas Instruments TMUX7308F Datasheet HTML 4Page - Texas Instruments TMUX7308F Datasheet HTML 5Page - Texas Instruments TMUX7308F Datasheet HTML 6Page - Texas Instruments TMUX7308F Datasheet HTML 7Page - Texas Instruments TMUX7308F Datasheet HTML 8Page - Texas Instruments TMUX7308F Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
Device Comparison Table
PRODUCT
DESCRIPTION
TMUX7308F
+60 V/ –60 V Tolerant, Fault-protected, Latch-up Immune, Single-Ended 8:1 Multiplexer
TMUX7309F
+60 V/ –60 V Tolerant, Fault-protected, Latch-up Immune, 4:1, 2-Channel Multiplexer
5 Pin Configuration and Functions
1
A0
16
A1
2
EN
15
A2
3
VSS
14
GND
4
S1
13
VDD
5
S2
12
S5
6
S3
11
S6
7
S4
10
S7
8
D
9
S8
Not to scale
Figure 5-1. PW Package 16-Pin TSSOP Top View
1
VSS
12
GND
2
S1
11
VDD
3
S2
10
S5
4
S3
9
S6
Not to scale
Thermal
Pad
Figure 5-2. RRP Package 16-Pin WQFN Top View
Table 5-1. Pin Functions: TMUX7308F
PIN
TYPE(1)
DESCRIPTION
NAME
TSSOP
WQFN
A0
1
15
I
Logic control input address 0 (A0).
EN
2
16
I
Active high digital enable (EN) pin. The device is disabled and all switches become high
impedance when the pin is low. When the pin is high, the Ax logic inputs determine individual
switch states.
VSS
3
1
P
Negative power supply. This pin is the most negative power-supply potential. In single-supply
applications, this pin can be connected to ground. For reliable operation, connect a decoupling
capacitor ranging from 0.1 µF to 10 µF between VSS and GND.
S1
4
2
I/O
Source pin 1. Can be an input or output.
S2
5
3
I/O
Source pin 2. Can be an input or output.
S3
6
4
I/O
Source pin 3. Can be an input or output.
S4
7
5
I/O
Source pin 4. Can be an input or output.
D
8
6
I/O
Drain pin. Can be an input or output.
S8
9
7
I/O
Source pin 8. Can be an input or output.
S7
10
8
I/O
Source pin 7. Can be an input or output.
S6
11
9
I/O
Source pin 6. Can be an input or output.
S5
12
10
I/O
Source pin 5. Can be an input or output.
VDD
13
11
P
Positive power supply. This pin is the most positive power-supply potential. For reliable
operation, connect a decoupling capacitor ranging from 0.1 µF to 10 µF between VDD and
GND.
GND
14
12
P
Ground (0 V) reference
A2
15
13
I
Logic control input address 2 (A2).
A1
16
14
I
Logic control input address 1 (A1).
Thermal
Pad
–
–
P
The thermal pad is not connected internally. No requirement to solder this pad. For best
performance it is recommended that the pad be tied to GND or VSS
(1)
I = input, O = output, I/O = input and output, P = power
www.ti.com
TMUX7308F, TMUX7309F
SCDS403 – FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TMUX7308F TMUX7309F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com