Electronic Components Datasheet Search
  English  ▼

X  

TMUX7308F Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX7308F
Description  TMUX730xF 짹60-V Fault-Protected, 8:1 and Dual 4:1 Multiplexers with 1.8-V Logic
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7308F Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMUX7308F Datasheet HTML 4Page - Texas Instruments TMUX7308F Datasheet HTML 5Page - Texas Instruments TMUX7308F Datasheet HTML 6Page - Texas Instruments TMUX7308F Datasheet HTML 7Page - Texas Instruments TMUX7308F Datasheet HTML 8Page - Texas Instruments TMUX7308F Datasheet HTML 9Page - Texas Instruments TMUX7308F Datasheet HTML 10Page - Texas Instruments TMUX7308F Datasheet HTML 11Page - Texas Instruments TMUX7308F Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
9 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX UNIT
VDD – VSS (1) Power supply voltage differential
8
22
V
VDD
Positive power supply voltage
5
44
V
VS
Source pin (Sx) voltage (non-fault condition)
VSS
VDD
V
VS_FAULT (2)
Source pin (Sx) voltage (fault condition)
–60
60
V
VD
Drain pin (D, Dx) voltage
VSS
VDD
V
VSEL of VEN
Logic control input pin voltage (EN, A0, A1, A2)
0
44
V
TA
Ambient temperature
–40
125
°C
IDC
TMUX7308F
Continuous current through switch, WQFN package, 25°C
13
mA
Continuous current through switch, WQFN package, 125°C
8
mA
(1)
VDD and VSS can be any value as long as 8 V ≤ (VDD – VSS) ≤ 44 V, and the minimum VDD is met.
(2)
Source pin voltage (Sx) under a fault condition may not exceed 85 V from supply pins (VDD and VSS.) or drain pins (D, Dx).
TMUX7308F, TMUX7309F
SCDS403 – FEBRUARY 2021
www.ti.com
8
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMUX7308F TMUX7309F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com