Electronic Components Datasheet Search
  English  ▼

X  

TMUX7308F Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX7308F
Description  TMUX730xF 짹60-V Fault-Protected, 8:1 and Dual 4:1 Multiplexers with 1.8-V Logic
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7308F Datasheet(HTML) 1 Page - Texas Instruments

  TMUX7308F Datasheet HTML 1Page - Texas Instruments TMUX7308F Datasheet HTML 2Page - Texas Instruments TMUX7308F Datasheet HTML 3Page - Texas Instruments TMUX7308F Datasheet HTML 4Page - Texas Instruments TMUX7308F Datasheet HTML 5Page - Texas Instruments TMUX7308F Datasheet HTML 6Page - Texas Instruments TMUX7308F Datasheet HTML 7Page - Texas Instruments TMUX7308F Datasheet HTML 8Page - Texas Instruments TMUX7308F Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
TMUX730xF ±60-V Fault-Protected, 8:1 and Dual 4:1 Multiplexers with 1.8-V Logic
1 Features
• Wide Supply Range:
– Dual Supply: ±5 V to ±22 V
– Single Supply: 8 V to 44 V
• Integrated Fault Protection:
– Overvoltage Protection,
Source to Supplies or to Drain: ±85 V
– Overvoltage Protection: ±60 V
– Powered-Off Protection: ±60 V
– Non-Fault Channels Continue to Operate with
Low Leakage Currents
– Known State without Digital Inputs Present
– Output Clamped to the Supply in Overvoltage
Condition
• Latch-Up Immunity by Device Construction
• Break-Before-Make Switching Action
• Logic Levels: 1.8 V to VDD
• Industry Standard TSSOP and
Smaller WQFN Packages
2 Applications
• Factory Automation and Control
• Programmable Logic Controllers (PLC)
• Analog Input Modules
• Semiconductor Test Equipment
• Battery Test Equipment
• Servo Drive Control Module
• Data Acquisition Systems (DAQ)
SW
SW
S1
S2
D
VDD
VSS
TMUX7308F
SW
S8
Fault Detection/
Switch Driver/
Logic Decoder
A1
A2
A3
EN
SW
SW
S1A
DA
TMUX7309F
Fault Detection/
Switch Driver/
Logic Decoder
A1
A2
EN
S4A
SW
SW
S1B
DB
S4B
VDD
VSS
Simplified Schematic
3 Description
The TMUX7308F and TMUX7309F are modern
complementary metal-oxide semiconductor (CMOS)
analog multiplexers in 8:1 (single ended) and 4:1
(differential) configurations. The devices work well
with dual supplies (±5 V to ±22 V), a single supply (8
V to 44 V), or asymmetric supplies. All control inputs
support logic levels from 1.8 V to 44 V, enabling
system level flexibility for controlling the multiplexer.
When no power supplies are present, the switch
channels remain in the OFF state regardless of switch
input conditions and logic control status. Under
normal operation conditions, if the analog input signal
level on any Sx pin exceeds the supply voltage (VDD
or VSS) by a threshold voltage (VT), the channel turns
OFF and the Sx pin becomes high impedance. When
the fault channel is selected, the drain pin (D or Dx) is
pulled to the supply (VDD or VSS) that was exceeded.
The device blocks fault voltage up to +60 V or –60 V
relative to ground in both powered and powered-off
conditions.
The low capacitance, low charge injection, and
integrated fault protection enable the TMUX7308F
and TMUX7309F devices to be used in front end data
acquisition applications where high performance and
high robustness are both critical. The devices are
available in standard TSSOP package and smaller
WQFN package (ideal if PCB space is limited).
Device Information (1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TMUX7308F
TMUX7309F
TSSOP (16)
5.00 mm × 4.40 mm
WQFN (16)
4.00 mm x 4.00 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
www.ti.com
TMUX7308F, TMUX7309F
SCDS403 – FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
1
Product Folder Links: TMUX7308F TMUX7309F
TMUX7308F, TMUX7309F
SCDS403 – FEBRUARY 2021
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for preproduction products; subject to change
without notice.


Similar Part No. - TMUX7308F

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX7308F TI-TMUX7308F Datasheet
1Mb / 40P
TMUX730xF 짹60-V Fault-Protected, 8:1 and Dual 4:1 Multiplexers with 1.8-V Logic
OCTOBER 2021
TMUX7308F TI-TMUX7308F Datasheet
2Mb / 54P
TMUX730xF 짹60-V Fault-Protected, 8:1 and Dual 4:1 Multiplexers with Latch-Up Immunity and 1.8-V Logic
DECEMBER 2021
TMUX7308F TI-TMUX7308F Datasheet
2Mb / 54P
TMUX730xF 짹60-V Fault-Protected, 8:1 and Dual 4:1 Multiplexers with Latch-Up Immunity and 1.8-V Logic
DECEMBER 2021
TMUX7308F TI1-TMUX7308F Datasheet
1Mb / 54P
TMUX730xF ±60-V Fault-Protected, 8:1 and Dual 4:1 Multiplexers with Latch-Up Immunity and 1.8-V Logic
REVISED JULY 2023
TMUX7308F TI2-TMUX7308F Datasheet
1Mb / 54P
TMUX730xF ±60-V Fault-Protected, 8:1 and Dual 4:1 Multiplexers with Latch-Up Immunity and 1.8-V Logic
REVISED JULY 2023
More results

Similar Description - TMUX7308F

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX7411F TI-TMUX7411F Datasheet
1Mb / 30P
TMUX741xF 짹60 V Fault-protected, 1:1 (SPST), 4-Channel Switches with 1.8-V Logic
TMUX7462F TI-TMUX7462F Datasheet
1Mb / 30P
TMUX7462F 짹60 V Fault-Protected, Latch-Up Immune, Quad Channel Protector with Adjustable Fault Threshold and 1.8-V Logic
TMUX7308F TI-TMUX7308F_V01 Datasheet
1Mb / 40P
TMUX730xF 짹60-V Fault-Protected, 8:1 and Dual 4:1 Multiplexers with 1.8-V Logic
OCTOBER 2021
TMUX7411F TI-TMUX7411F_V01 Datasheet
2Mb / 42P
TMUX741xF 짹60 V Fault-Protected, 1:1 (SPST), 4-Channel Switches with Latch-Up Immunity and 1.8-V Logic
NOVEMBER 2021
TMUX7308F TI-TMUX7308F_V02 Datasheet
2Mb / 54P
TMUX730xF 짹60-V Fault-Protected, 8:1 and Dual 4:1 Multiplexers with Latch-Up Immunity and 1.8-V Logic
DECEMBER 2021
TMUX7308F TI-TMUX7308F_V03 Datasheet
2Mb / 54P
TMUX730xF 짹60-V Fault-Protected, 8:1 and Dual 4:1 Multiplexers with Latch-Up Immunity and 1.8-V Logic
DECEMBER 2021
TMUX7348F TI-TMUX7348F Datasheet
3Mb / 59P
TMUX734xF 짹60-V Fault-Protected, 8:1 and Dual 4:1 Multiplexers with Adjustable Fault Threshold, Latch-up Immunity, and 1.8-V Logic
MARCH 2022
TMUX7348F TI-TMUX7348F_V01 Datasheet
3Mb / 60P
TMUX734xF ±60-V Fault-Protected, 8:1 and Dual 4:1 Multiplexers With Adjustable Fault Threshold, Latch-Up Immunity, and 1.8-V Logic
REVISED NOVEMBER 2022
TMUX7308F TI1-TMUX7308F_V04 Datasheet
1Mb / 54P
TMUX730xF ±60-V Fault-Protected, 8:1 and Dual 4:1 Multiplexers with Latch-Up Immunity and 1.8-V Logic
REVISED JULY 2023
TMUX7348F TI1-TMUX7348F_V02 Datasheet
3Mb / 64P
TMUX734xF ±60-V Fault-Protected, 8:1 and Dual 4:1 Multiplexers With Adjustable Fault Threshold, Latch-Up Immunity, and 1.8-V Logic
REVISED JULY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com