Electronic Components Datasheet Search
  English  ▼

X  

TMUX7308F Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX7308F
Description  TMUX730xF 짹60-V Fault-Protected, 8:1 and Dual 4:1 Multiplexers with 1.8-V Logic
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7308F Datasheet(HTML) 5 Page - Texas Instruments

  TMUX7308F Datasheet HTML 1Page - Texas Instruments TMUX7308F Datasheet HTML 2Page - Texas Instruments TMUX7308F Datasheet HTML 3Page - Texas Instruments TMUX7308F Datasheet HTML 4Page - Texas Instruments TMUX7308F Datasheet HTML 5Page - Texas Instruments TMUX7308F Datasheet HTML 6Page - Texas Instruments TMUX7308F Datasheet HTML 7Page - Texas Instruments TMUX7308F Datasheet HTML 8Page - Texas Instruments TMUX7308F Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
6 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
VDD to VSS
Supply voltage
48
V
VDD to GND
–0.3
48
V
VSS to GND
–48
0.3
V
VS to GND
Source input pin (Sx) voltage to GND
–60
60
V
VS to VDD
Source input pin (Sx) voltage to VDD
–85
V
VS to VSS
Source input pin (Sx) voltage to VSS
85
V
VD
Drain pin (D or Dx) voltage
VSS–0.7
VDD+0.7
V
VSEL or VEN
Logic control input pin voltage (EN, A0, A1, A2)(2)
GND –0.7
48
V
ISEL or IEN
Logic control input pin current (EN, A0, A1, A2)(2)
–30
30
mA
IS or ID (CONT)
Source or drain continuous current (Sx or D)
IDC ± 10 %(3)
IDC ± 10 %(3)
mA
Tstg
Storage temperature
–65
150
°C
TA
Ambient temperature
–55
150
°C
TJ
Junction temperature
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Rating may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under
Recommended Operating Condition. Exposure to absolute-maximum-rated conditions for extended periods may affect device
reliability.
(2)
Stresses have to be kept at or below both voltage and current ratings at all time.
(3)
Refer to Recommended Operating Conditions for IDC ratings.
www.ti.com
TMUX7308F, TMUX7309F
SCDS403 – FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: TMUX7308F TMUX7309F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com